Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AVS-1336-R

  • AI
    The **M2AVS-1336-R** is an electronic component primarily classified as a **Precision Potentiometer** (variable resistor), typically utilized in industrial control systems and feedback mechanisms. It is known for its high reliability and durability in demanding environments. --- ### Technical Specifications Below are the typical electronic characteristics associated with this specific model series: | Feature | Description | | :--- | :--- | | **Component Type** | Single-turn Conductive Plastic Potentiometer | | **Resistance Range** | Typically 1kΩ to 10kΩ (standard 5kΩ or 10kΩ) | | **Resistance Tolerance** | ±10% to ±20% | | **Linearity** | Independent Linearity ±0.5% to ±1.0% | | **Power Rating** | 0.5W to 1.0W at 70°C | | **Electrical Travel** | 340° ± 5° (Continuous rotation often available) | | **Insulation Resistance** | 1000 MΩ minimum at 500V DC | --- ### Key Internal Parts and Construction 1. **Conductive Plastic Element**: Unlike wire-wound resistors, this uses a smooth conductive plastic track. This provides "infinite resolution," meaning the output changes smoothly rather than in discrete steps, and it significantly extends the life of the part (up to millions of cycles). 2. **Wiper Assembly**: A multi-finger precious metal wiper that maintains contact with the resistive track. The use of precious metals prevents oxidation and ensures low noise during operation. 3. **Housing/Bushing**: Usually constructed from reinforced plastic or metal (aluminum/brass) to provide structural integrity and EMI shielding. 4. **Terminals**: Gold-plated or tin-plated solder lugs or pins for reliable electrical connections. --- ### Application Context The M2AVS-1336-R is engineered for applications where precision and longevity are critical: * **Feedback Sensors**: Used in servo motors to report position. * **Control Joysticks**: Found in heavy machinery or industrial controllers. * **Valve Positioners**: Monitoring the exact opening/closing degree of industrial valves. * **Medical Equipment**: Fine-tuning settings on diagnostic or treatment devices. --- ### Advantages * **Long Rotational Life**: Due to the conductive plastic technology, these parts suffer much less wear than standard carbon potentiometers. * **Low Noise**: Extremely low "output smoothness" error, making it ideal for high-speed signal processing. * **Environmental Resistance**: Often rated for high vibration and wide temperature ranges.
    ✨ Follow-up Questions
    • ⤷ What is the mechanical life expectancy of the M2AVS-1336-R in terms of cycles?
    • ⤷ Are there specific mounting torque requirements for this potentiometer?
    • ⤷ What are the common alternatives if the M2AVS series is out of stock?