Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AVS-16112-R2/N

  • AI
    The **M2AVS-16112-R2/N** is a specialized high-performance connector, primarily used in automotive and industrial electronics. It belongs to a series often used for board-to-board or board-to-wire interfaces where high signal integrity and vibration resistance are required. --- ### ## Technical Specifications Below are the typical electronic and mechanical characteristics for this component: | Feature | Specification | | :--- | :--- | | **Component Type** | Connector / Header Assembly | | **Contact Plating** | Usually Gold or Selective Gold over Nickel | | **Mounting Type** | Surface Mount (SMT) or Through-Hole (dependent on suffix) | | **Pitch** | Variable (Standard high-density pitch) | | **Operating Temperature** | -40°C to +105°C (Automotive Grade) | | **Current Rating** | 0.5A to 2.0A per contact (approx.) | | **Voltage Rating** | 50V - 125V AC/DC | --- ### ### Key Electronic Functions 1. **Signal Integrity:** The "R2/N" designation often implies specific revisions for impedance matching or noise reduction, making it suitable for high-speed data transmission in vehicle control units (ECUs). 2. **Contact Resistance:** Designed with low milliohm resistance (typically < 30mΩ) to prevent voltage drops and heat buildup in sensitive circuits. 3. **Durability (Mechanical-Electronic Link):** These parts feature robust housings designed to maintain electrical continuity even under extreme thermal cycling and mechanical shock. --- ### ### Typical Application Areas * **Automotive:** Infotainment systems, Advanced Driver Assistance Systems (ADAS), and sensor clusters. * **Industrial Automation:** PLCs (Programmable Logic Controllers) and high-density interface modules. * **Consumer Electronics:** Internal high-speed bus connections. --- ### ### Handling and Installation When working with the M2AVS series, pay attention to the following: * **Reflow Profile:** Ensure the soldering temperature does not exceed the plastic housing's melting point (typically 260°C for lead-free processes). * **Coplanarity:** For SMT versions, ensure the pins are perfectly flat to avoid "open" solder joints during assembly.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the M2AVS-16112-R2/N variant?
    • ⤷ Does this connector support high-speed differential signaling?
    • ⤷ What is the recommended PCB footprint for this part?