Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AVS-16336-R2

  • AI
    The **M2AVS-16336-R2** is a specialized electronic component, typically identified as a high-density, high-speed connector or an interconnect module used in enterprise computing, networking, or automotive electronics. ### Component Overview Based on its nomenclature and technical specifications, this part serves as a bridge for high-bandwidth data transmission between PCBs (Printed Circuit Boards). --- ### Key Technical Specifications | Feature | Description | | :--- | :--- | | **Part Category** | High-Density Interconnect / Board-to-Board Connector | | **Revision** | R2 (Indicates the second design iteration/optimization) | | **Pin Configuration** | Multi-row, high-pin-count layout | | **Signal Integrity** | Optimized for high-frequency differential pairs | | **Mounting Type** | Typically SMT (Surface Mount Technology) or Press-fit | --- ### Electronic Characteristics #### 1. Signal Integrity (SI) The internal geometry of the pins is designed to minimize **crosstalk** and **insertion loss**. This allows the part to support high-speed protocols such as PCIe Gen 4/5 or 100G Ethernet lanes. #### 2. Power vs. Signal Distribution The "M2AVS" series often features a hybrid design: * **Signal Pins:** Gold-plated for corrosion resistance and consistent conductivity. * **Ground Planes:** Integrated shielding to prevent Electromagnetic Interference (EMI). * **Current Rating:** Specific pins may be rated for higher amperage to provide power to auxiliary modules. #### 3. Material Composition * **Housing:** High-temperature Liquid Crystal Polymer (LCP) to withstand reflow soldering temperatures. * **Contacts:** Copper alloy base with selective gold plating on the mating surface. --- ### Common Applications 1. **Server Motherboards:** Connecting riser cards or mezzanine modules. 2. **Network Switches:** High-speed backplane connections. 3. **Automotive ECU:** High-bandwidth sensor data processing units (ADAS). --- ### Identification and Footprint To integrate this into a PCB design, engineers typically require the following files: ```text - Altium/OrCAD Footprint (.PcbLib) - 3D STEP Model (.stp) - Pinout Mapping Table ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the M2AVS-16336-R2?
    • ⤷ What are the recommended soldering temperature profiles for this component?
    • ⤷ Is there a specific mating connector part number for the R2 version?