Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AVS-3316-R/N

  • AI
    The **M2AVS-3316-R/N** is a specialized electronic component primarily used in high-frequency signal switching and routing applications. It is typically classified as a **Coaxial Electromechanical Switch**. --- ### 1. General Specifications Based on the part number nomenclature (common in RF engineering), here are the typical technical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Electromechanical Coaxial Switch | | **Configuration** | SPDT (Single Pole Double Throw) | | **Connector Type** | SMA Female | | **Actuator Type** | Failsafe or Latching (Model dependent) | | **Frequency Range** | DC to 18 GHz (Typical for this series) | | **Impedance** | 50 Ohms | --- ### 2. Key Electronic Parts & Sub-assemblies The M2AVS-3316-R/N consists of several critical internal sections: #### A. RF Cavity and Contacts * **Gold-plated Contacts:** Used to ensure low insertion loss and high repeatability. * **Reed/Blade Mechanism:** A physical metal arm that moves between ports to direct the RF signal. #### B. Actuation Mechanism (The Solenoid) * **Electromagnetic Coil:** When voltage is applied, it creates a magnetic field that moves the internal plunger. * **Return Spring:** In "Failsafe" models, this ensures the switch returns to a default position (usually Port 1) when power is removed. #### C. Control Interface * **D-Sub or Solder Pins:** The "3316" designation often refers to the specific pinout configuration used to apply control voltage. * **Suppression Diodes:** Internal diodes are often included to protect the driving circuit from "back-EMF" (voltage spikes) when the coil is de-energized. --- ### 3. Functional Performance Metrics | Parameter | Importance | | :--- | :--- | | **Insertion Loss** | Usually < 0.5 dB; represents signal power lost during transit. | | **Isolation** | Usually > 60 dB; represents how well the "OFF" port is blocked. | | **VSWR** | Voltage Standing Wave Ratio; indicates how much signal is reflected. | | **Switching Time** | Typically 15ms to 20ms. | --- ### 4. Application Context These switches are vital in: * **Automated Test Equipment (ATE):** Routing signals from a single source to multiple devices under test. * **Telecommunications:** Switching between primary and backup antennas. * **Laboratory Settings:** High-precision RF signal routing where solid-state switches lack the necessary isolation. ---
    ✨ Follow-up Questions
    • ⤷ What is the operating voltage required for the M2AVS-3316-R/N coil?
    • ⤷ How does a failsafe switch differ from a latching switch in this model?
    • ⤷ What are the common failure modes for electromechanical RF switches?