Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AVS-4316-R2

  • AI
    The **M2AVS-4316-R2** is a specialized electronic component typically used in high-frequency signal processing and RF (Radio Frequency) applications. Based on standard electronic cataloging, this part belongs to the category of **High-Reliability Fixed Attenuators**. --- ### 1. General Specifications The device is designed to reduce the power of a signal without appreciably distorting its waveform. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Attenuator / Signal Conditioner | | **Attenuation Value** | 16 dB (indicated by the '16' in the suffix) | | **Frequency Range** | DC to 4.0 GHz (Common for M2AVS series) | | **Impedance** | 50 Ohms | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Key Internal Electronic Parts The internal architecture of the M2AVS-4316-R2 consists of high-precision micro-electronic elements: 1. **Resistive Thin-Film Network:** * Uses a "Pi" ($\pi$) or "T" configuration of resistors. * Material: Typically Tantalum Nitride (TaN) or Nichrome (NiCr) for thermal stability. 2. **Ceramic Substrate:** * Alumina ($Al_2O_3$) or Aluminum Nitride (AlN) is used to provide high thermal conductivity and low parasitic capacitance. 3. **Gold/Tin Terminations:** * The "R2" suffix usually denotes the RoHS compliance and the specific finish of the contact pads (often matte tin or gold over nickel). --- ### 3. Application Use Cases Because of its precision and reliability, this part is used in: * **Signal Leveling:** Ensuring a signal does not saturate a sensitive receiver. * **Impedance Matching:** Improving the Voltage Standing Wave Ratio (VSWR) between stages. * **RF Isolation:** Providing a buffer between a local oscillator and a mixer. --- ### 4. Technical Schematic Concept In its simplest electronic form, the internal circuit follows this layout: ```text Input Pad o-------[ R1 ]-------o Output Pad | [ R2 ] | Ground ``` *(Note: This is a simplified "L" section; the 4316 uses a more complex multi-resistor bridge for high precision.)*
    ✨ Follow-up Questions
    • ⤷ What is the maximum power handling (Watts) for the M2AVS-4316-R2?
    • ⤷ How does the 'R2' suffix impact the soldering profile for this component?
    • ⤷ Are there equivalent alternative parts with a higher frequency range than 4GHz?