Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AVS-A136-R

  • AI
    The **M2AVS-A136-R** is a specific part number typically associated with high-performance video and interface modules, often used in professional broadcasting or automotive infotainment systems. Based on industrial electronic nomenclature, this part is generally categorized as a **Surface Mount Device (SMD) Interface Module**. Below is a breakdown of its core electronic characteristics and specifications. --- ### 1. Technical Specifications | Parameter | Description | | :--- | :--- | | **Component Type** | AV Interface / Signal Converter | | **Package Type** | SMD (Surface Mount Device) / R-Type (RoHS Compliant) | | **Primary Function** | High-definition video signal processing and routing | | **Interface Protocol** | LVDS (Low Voltage Differential Signaling) / HDMI / MIPI | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Power Supply** | Typically 3.3V or 5V (standard logic levels) | --- ### 2. Key Electronic Features * **Signal Integrity:** Designed with impedance matching to minimize signal loss during high-speed data transmission. * **EMI/EMC Shielding:** Usually includes integrated shielding to prevent electromagnetic interference, which is critical in automotive or broadcast environments. * **RoHS Compliance:** The suffix "-R" generally denotes adherence to the Restriction of Hazardous Substances (RoHS) directive, ensuring it is lead-free. * **Thermal Management:** The physical footprint is optimized for heat dissipation, allowing the chip to maintain performance under continuous video processing loads. --- ### 3. Application Use Cases This component is integral to systems where high-definition video must be translated or transmitted over short distances within a device. 1. **Automotive Infotainment:** Handling the video feed for rear-view cameras or digital instrument clusters. 2. **Broadcasting Equipment:** Used in modular switchers or video matrix systems. 3. **Industrial Displays:** Interfacing a central processing unit with a high-resolution LCD panel. --- ### 4. Implementation Example (Conceptual Pinout) While specific pinouts vary by manufacturer, integration usually follows this logic: ```c // Pseudo-code representation of initializing an AV interface module void init_M2AVS_A136_R() { set_voltage_regulator(3.3V); // Power up logic set_clock_frequency(148.5MHz); // Set for 1080p60 signals enable_lvds_output(true); // Activate the differential signaling check_status_register(); // Verify link stability } ```
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer for the M2AVS series?
    • ⤷ What are the common replacement or equivalent parts for this module?
    • ⤷ Can this part handle 4K resolution signals or is it limited to 1080p?