AI

The **M2AVS-B312-R2/N** is a specialized high-speed automotive-grade connector, typically used in infotainment, camera systems, and high-speed data transmission within vehicles. This part is part of a series designed to handle Low Voltage Differential Signaling (LVDS) and other high-bandwidth protocols.
---
### 1. General Specifications
The part is characterized by its ability to maintain signal integrity in harsh environments (vibration, heat, and electromagnetic interference).
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Automotive High-Speed Data (HSD) / LVDS |
| **Interface** | 4-Pin / 4-Channel configuration |
| **Impedance** | 100 $\Omega$ (Differential) |
| **Mounting Type** | Through-hole (R/A - Right Angle) |
| **Housing Material** | High-temperature thermoplastic |
---
### 2. Key Electronic Components & Design
The "electronic" value of this part lies in its physical architecture which dictates its electrical performance:
#### A. Signal Integrity & Impedance Control
* **Controlled Impedance:** The internal pins are spaced and shielded to maintain a constant **100 Ohm** differential impedance, which is critical for preventing signal reflections in USB 2.0, LVDS, and Ethernet applications.
* **Crosstalk Reduction:** The internal geometry is designed to minimize electromagnetic coupling between the four pins.
#### B. Contact Plating
* **Material:** Usually Gold (Au) or Tin (Sn) over Nickel. Gold is preferred for the contact interface to prevent oxidation and ensure low contact resistance over the vehicle's lifespan.
* **Current Rating:** Typically supports up to **1.5A to 3A** per pin, depending on the specific wire gauge used.
#### C. EMI/EMC Shielding
* The metal outer shell acts as a **Faraday cage**, protecting the data signals from engine noise and ensuring the connector does not emit radiation that could interfere with the car's radio or sensors.
---
### 3. Pinout and Connectivity
While specific to the PCB layout it is soldered to, the B312 series generally follows a standard HSD 4-pin layout:
1. **Pin 1:** Signal + (e.g., USB D+)
2. **Pin 2:** Signal - (e.g., USB D-)
3. **Pin 3:** Power / Auxiliary Signal
4. **Pin 4:** Ground / Auxiliary Signal
5. **Shield:** Connected to the chassis ground via the metal tabs.
---
### 4. Typical Applications
* **High-Definition Displays:** Connecting the head unit to the digital instrument cluster.
* **ADAS Cameras:** Transferring raw video data from backup or 360-degree cameras to the processing unit.
* **USB Integration:** Providing the interface for passenger smartphone connectivity.
- ⤷
What are the mechanical mounting requirements for the R2/N variant?
- ⤷ Which high-speed protocols (e.g. GVIF
- ⤷ FPD-Link) are compatible with this connector?
- ⤷ What is the operating temperature range for this automotive-grade part?