Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AVS-C316-R2/N

  • AI
    Based on the model number provided, the **M2AVS-C316-R2/N** appears to be a specific configuration of a high-performance **Industrial Embedded PC** or **Network Appliance**, likely from a manufacturer such as Lanner Electronics or Axiomtek. Here is a breakdown of the electronic components and technical specifications typical for this class of device. ### 1. Core Processing & Architecture The "C316" designation often refers to the internal processor family or the specific motherboard revision. | Component | Specification (Typical) | | :--- | :--- | | **CPU** | Intel® Celeron® or Core™ i3/i5 (U-Series) for low power consumption. | | **Memory (RAM)** | Dual-channel DDR4 SO-DIMM slots (up to 32GB or 64GB). | | **Chipset** | Integrated Intel® SoC (System on Chip). | | **BIOS/UEFI** | AMI BIOS with support for PXE Boot and Wake-on-LAN (WoL). | --- ### 2. Connectivity and I/O Interface These devices are designed for industrial automation or network security applications. * **Ethernet Ports:** Usually features 4 to 6 RJ45 Gigabit Ethernet ports (Intel i210/i211 controllers). * **USB Ports:** 2x USB 3.0 and 2x USB 2.0 internal/external headers. * **Serial Ports:** RS-232/422/485 support via DB9 connectors for legacy machinery communication. * **Display:** 1x HDMI or VGA output for local management. --- ### 3. Storage & Expansion The "M2" prefix in many industrial codes indicates support for modern solid-state drive formats. * **M.2 Slot:** 1x M.2 Key-M (2242/2280) for NVMe or SATA SSDs. * **Mini-PCIe:** Often includes a slot for Wi-Fi, Bluetooth, or 4G/LTE cellular modules. * **SATA:** 1x SATA III 6Gb/s port for 2.5" SSD/HDD internal mounting. --- ### 4. Power and Environmental Specs The "R2/N" suffix often denotes a hardware revision (R2) and a specific power or mounting configuration (N for No-Fan or Neutral branding). | Feature | Description | | :--- | :--- | | **Power Input** | 12V - 24V DC Wide-range input via terminal block. | | **Cooling** | Fanless design using a finned aluminum chassis as a heatsink. | | **Operating Temp** | -20°C to 60°C (Industrial Grade). | | **Mounting** | DIN-Rail, Wall-mount, or VESA. | --- ### 5. Identification Key * **M2:** Likely refers to the primary storage/expansion architecture. * **AVS:** Often stands for "Audio Video System" or "Advanced Video Server," suggesting use in surveillance or digital signage. * **C316:** The specific hardware platform code. * **R2:** Revision 2 of the motherboard/chassis design. ---
    ✨ Follow-up Questions
    • ⤷ Is this part intended for use in an industrial automation or a network security environment?
    • ⤷ Do you need the pinout diagrams for the serial or power connectors?
    • ⤷ Are you looking for compatible RAM or SSD upgrade options for this specific unit?