Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AVS-D112-R/N

  • AI
    The **M2AVS-D112-R/N** is a specialized electronic component, typically categorized as a **Solid State Relay (SSR)** or a **Photo-MOSFET Relay**, often utilized in industrial automation, instrumentation, and telecommunications. Below is a detailed breakdown of its technical specifications and electronic characteristics. ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Component Type** | Solid State Relay / Photo-MOS Relay | | **Contact Form** | 1 Form A (Normally Open) | | **Mounting Type** | Through-hole (DIP) or Surface Mount (depending on suffix) | | **Switching Voltage** | Typically 60V to 400V (Load dependent) | | **Continuous Load Current** | Typically 100mA to 500mA | --- ### 2. Core Electronic Components The internal architecture of this device consists of three primary stages: * **Input Stage (LED):** The input side contains an Infrared Emitting Diode (IRED). When a control current (Forward Current) flows through the LED, it emits light. * **Isolation Layer:** An optical coupling barrier provides high-voltage isolation (often up to 3,750V or 5,000V RMS) between the low-voltage control circuit and the high-voltage load circuit. * **Output Stage (MOSFETs):** The light is received by a photodiode array which generates a gate voltage to drive a pair of high-speed MOSFETs. These MOSFETs act as the "contacts," allowing current to flow through the load. --- ### 3. Key Technical Characteristics | Parameter | Description | | :--- | :--- | | **Low On-Resistance** | Designed to minimize power loss and heat generation during conduction. | | **Low Output Capacitance** | Crucial for high-frequency signal switching to ensure signal integrity. | | **High Isolation Voltage** | Protects sensitive control logic (like Microcontrollers) from high-voltage transients on the load side. | | **Silent Operation** | Being solid-state, it has no moving parts, resulting in no acoustic noise and no contact bounce. | --- ### 4. Application Areas * **Modems and Telecommunications:** For hook-switching and line transformer applications. * **Automatic Test Equipment (ATE):** High-speed switching for signal routing. * **Programmable Logic Controllers (PLCs):** Interfacing between digital logic and industrial actuators. * **Security Systems:** Used in silent alarm triggers and sensor interfaces. --- ### 5. Identification Suffixes * **-R:** Often denotes compliance with specific Tape & Reel packaging standards or a specific lead-forming style. * **-N:** Frequently indicates "Normally Open" configuration or specific material compliance (like Halogen-free).
    ✨ Follow-up Questions
    • ⤷ What are the primary advantages of using this SSR over a traditional mechanical relay?
    • ⤷ What is the maximum switching frequency supported by the M2AVS-D112-R/N?
    • ⤷ Can this component handle AC and DC loads simultaneously?