Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CE-14-R/CE

  • AI
    The **M2CE-14-R/CE** is a specialized high-density electrical connector component, typically part of a modular interconnect system (like the M2 Series) used in demanding industrial, aerospace, or automotive testing environments. ### 1. Component Overview This part is a **Mating Module** designed for mass interconnect systems. It serves as the interface between a Test Receiver and an Interchangeable Test Adapter (ITA). --- ### 2. Technical Specifications | Feature | Details | | :--- | :--- | | **Series** | M2 Series (High Density) | | **Contact Positions** | 14 Positions | | **Mounting Style** | Panel Mount / Receiver Side | | **Contact Type** | Typically compatible with Signal or Power pins (depending on insert) | | **Termination** | Usually Crimp or Solder (Rear-removable) | | **Material** | High-grade thermoplastic or aluminum alloy housing | --- ### 3. Key Electronic Functions * **Signal Integrity:** Designed to maintain low contact resistance and high signal fidelity across the 14 channels. * **Modular Design:** The "CE" designation often refers to a specific configuration or compliance (such as CE marking for European safety standards) or a specific "Contact Extraction" capability. * **Durability:** Engineered for high mating cycles (often 20,000+), which is critical for Automated Test Equipment (ATE). --- ### 4. Typical Applications 1. **Automated Test Equipment (ATE):** Used to connect a "Device Under Test" (DUT) to the testing computer. 2. **Avionics:** Systems requiring quick-disconnect capabilities with high pin counts. 3. **Industrial Control:** Complex machinery requiring modular wiring harnesses for maintenance. --- ### 5. Installation Diagram (Conceptual) ```text [ Test Instrument ] <--> [ M2CE-14-R Receiver ] <==> [ ITA / Probe ] <--> [ DUT ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pin voltage and current ratings for the M2CE series?
    • ⤷ Is this connector compatible with coaxial or fiber optic inserts?
    • ⤷ What is the difference between the -R and the standard M2CE-14 model?