Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CE-16-R2/UL

  • AI
    The **M2CE-16-R2/UL** is a specialized electronic component typically used in automation and control systems. It is part of the **M2CE Series** of interface modules, designed to act as a bridge between high-density controller outputs (like PLCs) and field devices. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The "16" in the part number signifies that this is a **16-channel** device, and the "UL" suffix indicates it meets Underwriters Laboratories safety standards for the North American market. | Feature | Description | | :--- | :--- | | **Number of Channels** | 16 Channels | | **Component Type** | Relay Terminal / Interface Module | | **Mounting Type** | DIN Rail (Standard 35mm) | | **Connection Method** | Screw Terminal (Field side) / Ribbon Connector (Controller side) | | **Certification** | UL Recognized, CE Marked | --- ### 2. Key Electronic Components The internal circuitry of the M2CE-16-R2/UL consists of several critical electronic parts that ensure signal integrity and circuit protection: #### A. Electromagnetic Relays * **Function:** Provides galvanic isolation between the control logic (PLC) and the high-power load. * **Voltage:** Usually rated for 24V DC coils. * **Switching:** Allows for switching AC or DC loads (e.g., 250V AC / 30V DC at specific amperages). #### B. LED Status Indicators * Each of the 16 channels is equipped with a **Surface Mount LED**. * **Function:** Provides immediate visual feedback on which output is energized, simplifying troubleshooting. #### C. Protection Diodes (Flyback Diodes) * **Function:** Connected in parallel with the relay coils. * **Purpose:** Protects the driving transistor in the PLC from "inductive kickback" or voltage spikes when the relay coil is de-energized. #### D. Input Connector (Header) * Usually a **MIL-standard ribbon cable connector** (typically 20-pin for a 16-channel board). * Allows for "plug-and-play" connection to PLC output cards via a single cable, reducing wiring time and errors. --- ### 3. Electrical Characteristics These values are typical for the R2/UL sub-series: * **Coil Rated Voltage:** 24V DC (+/- 10%). * **Contact Rating:** Typically 2A to 5A per channel (resistive load). * **Contact Configuration:** SPST (Single Pole Single Throw) or SPDT depending on the specific internal relay used. * **Insulation Resistance:** > 1000 MΩ. * **Dielectric Strength:** 2000V AC between coil and contact. --- ### 4. Application Use Case The M2CE-16-R2/UL is primarily used in industrial environments where a low-power PLC signal needs to trigger a high-power motor, solenoid, or heater. Because it uses relays, it provides a physical "air gap" when off, ensuring safety and preventing leakage current common in solid-state devices.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per channel for the M2CE-16-R2/UL?
    • ⤷ How does the UL certification affect its use in industrial panels?
    • ⤷ Is there a solid-state version of this module available for high-speed switching?