Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CE-1B-R2

  • AI
    The **M2CE-1B-R2** is a specific electronic component, typically categorized as a **Magnetic Card Reader Module** or a **Magnetic Stripe Swipe Reader**. These are widely used in Point of Sale (POS) terminals, security access control, and ID identification systems. Below is a detailed breakdown of its electronic parts and specifications. --- ### 1. Core Component Breakdown | Component Type | Description | Function | | :--- | :--- | :--- | | **Magnetic Head** | High-precision inductive coil | Reads the magnetic flux transitions from the card stripe. | | **Decoding IC** | F2F (Frequency/Double Frequency) Decoder | Converts analog signals from the head into digital data bits. | | **Interface Connector** | Typically 5-pin or JST type | Provides VCC, GND, Data, Clock, and Card Present signals. | | **PCB Assembly** | Small form-factor circuit board | Houses the filtering capacitors and signal processing resistors. | --- ### 2. Technical Specifications The "1B" in the part number often signifies a **Single Track** (usually Track 2) reading capability. * **Operating Voltage:** 3.0V to 5.5V DC. * **Current Consumption:** Low power, typically < 2mA (active). * **Recording Method:** Two-frequency coherent phase (F2F). * **Card Swiping Speed:** 10cm/sec to 150cm/sec. * **Life Cycle:** Approximately 500,000 to 1,000,000 passes. --- ### 3. Pinout and Signal Definitions Most M2CE series modules utilize a standard 5-pin output configuration to communicate with a microcontroller (like Arduino, ESP32, or ARM). | Pin | Name | Description | | :--- | :--- | :--- | | 1 | **VCC** | Power Supply (+) | | 2 | **GND** | Ground (-) | | 3 | **DATA** | Serial data stream of the encoded stripe. | | 4 | **CLOCK** | Synchronous clock signal for data timing. | | 5 | **CLS** | Card Loaded Signal (Logic low when a card is detected). | --- ### 4. Signal Logic Characteristics The module output is generally **Active Low**. 1. **CLS (Card Loaded):** Goes `LOW` the moment a card enters the read path and stays `LOW` until the card leaves. 2. **RCL (Clock):** Provides a pulse for every bit of data. Data should be sampled on the falling edge. 3. **RDA (Data):** Represents the binary data (0 or 1). --- ### 5. Implementation Example (Pseudo-code) ```cpp // Basic logic for reading M2CE Data if (digitalRead(CLS_PIN) == LOW) { while (digitalRead(CLOCK_PIN) == HIGH); // Wait for clock edge int bit = digitalRead(DATA_PIN); // Read the data bit // Store bit into buffer... } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Track 1
    • ⤷ 2
    • ⤷ and 3 in magnetic readers?
    • ⤷ How do I interface the M2CE-1B-R2 with an Arduino?
    • ⤷ What are the common causes of read errors in magnetic stripe modules?