Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CE-1G-R2/UL

  • AI
    The **M2CE-1G-R2/UL** is a high-performance, single-port Gigabit Ethernet (10/100/1000 Base-T) transformer module, commonly used in networking hardware like routers, switches, and industrial controllers. It serves as the physical interface between the Ethernet PHY chip and the RJ45 connector. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Port Configuration** | Single Port (1x1) | | **Data Rate** | 10/100/1000 Mbps (Gigabit) | | **Turns Ratio** | 1:1 (Transmitter & Receiver) | | **Isolation Voltage** | 1500 Vrms (Minimum) | | **Operating Temperature** | 0°C to +70°C (Commercial Grade) | | **Package Style** | Surface Mount (SMD) | | **Compliance** | UL Recognized, RoHS Compliant | --- ### 2. Electronic Components & Internal Design The M2CE-1G-R2/UL is not just a single part but a "magnetic module" containing several internal components: #### A. Isolation Transformers The primary function is to provide **Galvanic Isolation**. This protects the sensitive PHY silicon from high-voltage surges on the network cable and prevents ground loops between connected devices. #### B. Common Mode Chokes (CMC) Each differential pair (there are 4 pairs in Gigabit Ethernet) passes through a common-mode choke. * **Function:** Filters out electromagnetic interference (EMI) and high-frequency noise while allowing the data signal (differential) to pass through. #### C. Center Tap Capacitors/Resistors (Termination) Internally, the module often includes "Bob Smith" termination or similar RC networks connected to the center taps. * **Function:** This matches the impedance of the twisted-pair cable (100 ohms) to reduce signal reflections and further suppress EMI. --- ### 3. Pinout and Circuit Layout Example In a typical Gigabit application, the 24-pin SMD layout is used to connect the four differential pairs (A, B, C, and D). ```c // Internal Logic Representation for one of the four pairs: [PHY Side] --- (Transformer) --- [Cable/RJ45 Side] Pin 1 >---| |---< Pin 24 Pin 2 >---| |---< Pin 23 (Center Tap) Pin 3 >---| |---< Pin 22 ``` --- ### 4. Typical Applications * **Network Interface Cards (NICs):** Integrating Ethernet into motherboards. * **Industrial Automation:** PLCs and sensors requiring robust isolation. * **Consumer Electronics:** Set-top boxes, smart TVs, and gaming consoles.
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering requirements for the M2CE-1G-R2/UL SMD package?
    • ⤷ How does this module compare to the 'R1' or non-UL versions?
    • ⤷ Can this transformer be used for Power over Ethernet (PoE) applications?