Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CE-5G-R2

  • AI
    The **M2CE-5G-R2** is a specialized industrial-grade adapter/interface board designed to bridge high-speed 5G cellular modules (M.2 Key B) to embedded systems using a miniPCIe (mPCIe) interface. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Core Architecture The board serves as a physical and electrical bridge. It does not contain a processor itself but manages signal integrity and power delivery for high-performance 5G modems. | Component | Description | | :--- | :--- | | **Input Interface** | Mini PCI Express (miniPCIe) Male | | **Output Interface** | M.2 Key B (3042/3052 compatible) | | **Bus Support** | USB 3.0 / USB 3.1 Gen 1 (High-speed data lanes) | | **Voltage Input** | 3.3V (Standard miniPCIe rail) | --- ### 2. Key Electronic Features #### A. Power Management (DC-DC Conversion) 5G modules (like those from Quectel, Sierra Wireless, or Telit) have high peak current demands (up to 2.5A - 3A) during network bursts. * **High-Current LDO/Buck Regulator:** The R2 revision typically features enhanced power circuitry to convert the 3.3V input into a stable supply capable of handling 5G power surges without voltage drops. * **Capacitor Bank:** Tantalum or MLCC capacitors are used for decoupling and smoothing power delivery. #### B. Signal Routing & Data * **USB 3.0 Signaling:** Unlike standard 3G/4G mPCIe cards that use USB 2.0, this board routes the SuperSpeed USB 3.0 pins from the M.2 connector to specific pins or an external header. * **Differential Pair Matching:** The PCB layout utilizes impedance-controlled routing (usually 90 ohms for USB) to ensure data integrity at 5Gbps. #### C. Connectivity & SIM Slots * **SIM Interface:** Usually features an integrated **Nano-SIM (4FF)** slot on the underside or topside. It includes ESD protection diodes to prevent damage during hot-swapping or static discharge. * **RF Pass-through:** The board does not process RF; it provides physical clearance for IPEX/MHF4 antenna cables to be routed from the M.2 module to the chassis. --- ### 3. Pinout Logic The board maps the following signals between the two form factors: | Pin Type | Function | | :--- | :--- | | **Power** | 3.3V and GND | | **USB 2.0** | D+ / D- (For backward compatibility/management) | | **USB 3.0** | RX+/RX- and TX+/TX- (For high-speed 5G throughput) | | **Control** | W_DISABLE (Airplane mode), RESET, and LED status signals | | **SIM** | UIM_PWR, UIM_DATA, UIM_CLK, UIM_RESET | --- ### 4. Comparison: R1 vs R2 The **R2** (Revision 2) generally indicates improvements in: 1. **Thermal Dissipation:** Better copper pours to act as a heatsink for the modem. 2. **Power Stability:** Upgraded inductors to support the higher power draw of Sub-6GHz and mmWave modules. 3. **Mechanical Fit:** Improved mounting hole grounding for EMI shielding. ---
    ✨ Follow-up Questions
    • ⤷ Does the M2CE-5G-R2 require specific drivers for the host OS?
    • ⤷ What is the maximum data throughput supported by this adapter?
    • ⤷ Can this board be used with standard 4G LTE M.2 modules?