Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-1100F-R/Q

  • AI
    The **M2CEC-1100F-R/Q** is a high-performance, fanless industrial embedded computer, typically part of the **Vecow EC-1100** series. It is designed for demanding AIoT (Artificial Intelligence of Things) applications, particularly those requiring heavy data processing in harsh environments. --- ### ## Key Electronic Specifications The core architecture is built around high-efficiency power management and robust data throughput. | Component | Description | | :--- | :--- | | **Processor (CPU)** | Usually equipped with 8th/9th Gen Intel® Core™ i7/i5/i3 (Coffee Lake) processors. | | **Chipset** | Intel® Q370 Chipset. | | **Memory** | 2 DDR4 2666MHz SO-DIMM sockets, supporting up to 64GB. | | **Power Input** | Wide range DC-in (9V to 36V) with Terminal Block. | | **Ethernet** | Multiple Independent GigE LAN ports (often supporting PoE+). | | **Expansion** | M.2 Key M, M.2 Key E, and Mini PCIe slots. | --- ### ### Detailed Component Breakdown #### 1. Power Circuitry and Protection The unit features an "Industrial-grade" power design. This includes: * **Surge Protection:** Up to 80V DC protection. * **Ignition Control:** 16-mode software-configurable power ignition control for in-vehicle use. * **Isolation:** Integrated circuit protection to prevent damage from unstable power sources. #### 2. Thermal Management As a **fanless** system, the electronic parts are strategically placed to dissipate heat through the aluminum chassis. * **Heat Sinks:** Direct-contact thermal pads connect the CPU and high-heat ICs to the outer casing. * **Temperature Rating:** Operates between **-25°C to 60°C** without throttling performance. #### 3. I/O Connectivity (Electronic Interfaces) The "R/Q" designation often refers to specific port configurations: * **USB:** USB 3.1 Gen 2 ports providing up to 10Gbps data transfer. * **Serial Ports:** RS-232/422/485 headers with ESD protection. * **Display:** Supporting DisplayPort and DVI-D for high-resolution output. #### 4. Storage & Expansion Slots * **M.2 Key M:** Supports PCIe x4 NVMe SSDs for high-speed boot and data storage. * **M.2 Key E:** Typically used for Wireless/Bluetooth modules. * **SIM Slots:** Dual external SIM slots for 4G/LTE/WiFi/GPRS connectivity. --- ### ### Typical Use Cases Due to its rugged electronic design, it is frequently used for: * **Autonomous Mobile Robots (AMR)** * **Smart Manufacturing/Industry 4.0** * **Rolling Stock / In-vehicle monitoring** * **AI Surveillance** ---
    ✨ Follow-up Questions
    • ⤷What are the specific power consumption ratings for this model under full load?
    • ⤷ Does this model support expansion for NVIDIA or Intel Movidius AI accelerators?
    • ⤷ How does the ignition control feature protect the electronics in vehicle applications?