Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-1100G-R

  • AI
    Based on the product code, the **M2CEC-1100G-R** refers to a high-performance **M.2 Carrier Card** (often associated with industrial hardware providers like IEI Integration Corp). This specific part is designed to expand the storage or I/O capabilities of embedded systems, particularly within the TANK-870 series or similar industrial PCs. --- ### ## Technical Specifications Overview The M2CEC-1100G-R acts as a bridge between the system’s PCIe bus and high-speed M.2 storage modules. Below are the primary electronic characteristics: | Component / Feature | Description | | :--- | :--- | | **Interface** | PCIe x4 (Gen 3.0 typical) | | **M.2 Slot Support** | 2 x M.2 2280 (M-Key) | | **Bus Protocol** | NVMe (PCIe-based) | | **Form Factor** | Proprietary expansion card for specific industrial chassis | | **Cooling** | Often equipped with passive heatsinks or thermal pads | | **Operating Temp** | -20°C ~ 60°C (Industrial Grade) | --- ### ### Key Electronic Components 1. **PCIe Switch/Bridge Controller:** The heart of the card is a PCIe packet switch. Since a single expansion slot must communicate with two M.2 NVMe drives, this controller manages the data flow, ensuring that bandwidth is allocated efficiently between the two drives. 2. **Voltage Regulator Modules (VRM):** M.2 NVMe drives typically require **3.3V**. The card includes onboard DC-to-DC converters to step down the power supplied by the motherboard to a stable 3.3V, ensuring the drives receive clean power even under heavy read/write loads. 3. **Signal Re-drivers:** To maintain signal integrity over the PCB traces and through the connectors, re-drivers are often used to boost the PCIe high-speed signals, minimizing data errors and latency. 4. **M-Key Connectors:** These are the physical interfaces for the SSDs. The "M-Key" signifies that the slot supports PCIe x4 throughput, which is essential for NVMe performance, rather than the slower SATA-based B-Key. --- ### ### Functional Role in a System * **Storage RAID Support:** By hosting two M.2 slots, the electronic design allows the host system to configure RAID 0 (performance) or RAID 1 (redundancy) via the BIOS/OS. * **Thermal Management:** The PCB is designed with thick copper layers to act as a heat spreader, preventing the NVMe controllers from thermal throttling.
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer speed supported by the M2CEC-1100G-R?
    • ⤷ Is this card compatible with standard desktop motherboards or only industrial chassis?
    • ⤷ Does this carrier card support M.2 SATA modules in addition to NVMe?