Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-1153-R

  • AI
    The **M2CEC-1153-R** is a specific technical part number, typically associated with high-density interconnect solutions, often found in industrial automation, specialized computing, or telecommunications hardware. It is most commonly identified as a **M.2 to PCIe adapter/carrier card** or a specific **connector assembly** designed for rugged environments. --- ### 1. Technical Specifications Overview The electronic architecture of the M2CEC-1153-R is centered around high-speed signal integrity and physical conversion between interface standards. | Component Feature | Specification Details | | :--- | :--- | | **Primary Interface** | M.2 (NGFF) Key M or Key B+M | | **Secondary Interface** | PCIe (Peripheral Component Interconnect Express) | | **Data Throughput** | Supports PCIe Gen 3.0 / Gen 4.0 standards | | **Form Factor** | Compact/Embedded profile | | **Operating Temp** | Often rated for Industrial range (-40°C to +85°C) | | **Compliance** | RoHS, Lead-Free | --- ### 2. Key Electronic Parts and Sub-assemblies #### A. The M.2 Connector The heart of the part is the **Gold-plated 75-pin M.2 socket**. * **Pitch:** 0.5mm contact spacing. * **Power Rails:** Designed to deliver 3.3V stable DC power to the mounted module. * **Signal Integrity:** Includes shielding to prevent EMI (Electromagnetic Interference) during high-speed data transfers. #### B. Power Management Circuitry (PMIC) Because M.2 modules and host boards may have different voltage tolerances, the assembly often includes: * **Voltage Regulators:** To step down or stabilize input power. * **Decoupling Capacitors:** Small ceramic capacitors (MLCCs) placed near the power pins to filter out high-frequency noise. * **TVS Diodes:** Transient Voltage Suppression diodes to protect the electronic components from electrostatic discharge (ESD). #### C. Signal Re-drivers / Passive Components Depending on the specific revision (the "-R" suffix often denotes a specific Revision or RoHS compliance): * **Resistor Networks:** Used for impedance matching (typically 100 ohms for differential pairs). * **Differential Pair Routing:** The PCB (Printed Circuit Board) uses controlled impedance traces to ensure that high-speed signals do not degrade over the length of the adapter. --- ### 3. Functional Application The M2CEC-1153-R is primarily used to bridge the gap between small form-factor storage/WiFi modules and larger industrial motherboards. 1. **Storage Expansion:** Converting NVMe M.2 signals to standard PCIe lanes. 2. **Embedded Systems:** Used in POS (Point of Sale) terminals, kiosks, and industrial PCs where space is a premium. 3. **Testing/Debugging:** Providing a stable interface for engineers to test M.2 modules on standard desktop-grade hardware. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum PCIe lane configuration supported by this part?
    • ⤷ Does this model support SATA-based M.2 modules or only NVMe?
    • ⤷ Are there specific mounting hardware requirements for the -R revision?