Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-12002-R/

  • AI
    The **M2CEC-12002-R** is a specific technical component often associated with industrial automation or specialized electronic assemblies (frequently linked to brands like ADLINK or specific PCI/PCIe carrier cards). Below is a breakdown of the electronic characteristics and technical specifications typically associated with this part number. --- ### 1. General Overview The M2CEC series generally refers to **M.2 to Carrier** conversion interfaces. These parts are designed to bridge high-speed communication protocols (like PCIe or SATA) between an M.2 module and a host system or evaluation board. | Attribute | Specification | | :--- | :--- | | **Component Type** | Connector / Interface Adapter | | **Interface Standard** | M.2 (NGFF) | | **Signal Configuration** | E-Key or M-Key (depending on sub-revision) | | **Mounting Type** | Surface Mount (SMT) or Through-Hole (TH) | | **RoHS Compliance** | Yes (indicated by the "-R" suffix) | --- ### 2. Electronic Characteristics To understand the circuitry of the M2CEC-12002-R, we look at the physical and electrical constraints: * **Pin Count:** Usually features a high-density pin layout (often 67 to 75 pins) to support multiple lanes of PCIe. * **Voltage Support:** Designed to handle standard M.2 voltages, primarily **3.3V**. * **Signal Integrity:** The electronic traces and contact materials are optimized for high-frequency signals to prevent data loss in Gen3 or Gen4 PCIe environments. * **Thermal Management:** The "CEC" designation often implies a specific form factor meant for carrier boards where heat dissipation is managed via the PCB ground planes. --- ### 3. Connection Mapping The following table outlines how the electronic signals are typically routed in this type of module: | Pin Group | Function | Description | | :--- | :--- | :--- | | **Power Pins** | 3.3V / GND | Supplies the main operating power to the attached module. | | **PCIe Lanes** | PETp/n, PERp/n | Differential pairs for high-speed data transmission. | | **Control Signals** | PERST#, CLKREQ# | Manages the reset and clock requests for the module. | | **USB/SATA** | Optional I/O | Some versions include pins for USB 2.0 or SATA sideband signals. | --- ### 4. Common Applications These parts are rarely sold as consumer items; they are integrated into: 1. **Industrial PCs (IPCs):** Connecting Wi-Fi, Bluetooth, or AI acceleration modules. 2. **Edge Computing:** Used in gateways to provide expandable storage or connectivity. 3. **Carrier Boards:** Specifically for COM Express or SMARC modules that require an M.2 expansion slot. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the M2CEC-12002-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ Is this part compatible with NVMe SSDs or only wireless modules?