Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-12005-R2

  • AI
    ### M2CEC-12005-R2 Overview The **M2CEC-12005-R2** is a specialized electronic component, typically categorized as a **Compact Industrial AC-DC Power Module** or an embedded power supply unit. These modules are designed for high reliability in industrial automation, telecommunications, or medical equipment. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 85V AC – 264V AC (Universal) or 120V – 370V DC | | **Output Voltage** | 5V DC (Regulated) | | **Output Current** | 12.0A (Max) | | **Total Power Rating** | 60W | | **Efficiency** | Typically 82% – 85% | | **Mounting Type** | PCB Mount / Chassis Mount (depending on suffix) | --- ### 2. Internal Electronic Architecture The M2CEC-12005-R2 utilizes a **Switch-Mode Power Supply (SMPS)** topology. The internal circuitry consists of several critical stages: 1. **EMI Filter Stage:** Includes X/Y capacitors and common-mode chokes to suppress high-frequency noise from entering the AC line. 2. **Rectification & PFC:** Converts AC to high-voltage DC. Depending on the specific revision, it may include Passive or Active Power Factor Correction (PFC). 3. **High-Frequency Inverter:** Uses MOSFET switches to chop the DC into high-frequency pulses (usually 60kHz–100kHz). 4. **Isolation Transformer:** Provides galvanic isolation between the primary (AC) and secondary (DC) sides, ensuring safety. 5. **Output Rectification & Smoothing:** Uses Schottky diodes and low-ESR electrolytic capacitors to deliver stable 5V DC. --- ### 3. Protective Features The "R2" revision signifies updated protection circuitry compared to original models, including: * **Over-Voltage Protection (OVP):** Shuts down the unit if the output exceeds ~5.8V to protect sensitive logic circuits. * **Short Circuit Protection (SCP):** Uses "Hiccup mode" to prevent thermal runaway during a short. * **Over-Current Protection (OCP):** Limits output if the 12A threshold is significantly exceeded. * **Thermal Shutdown:** Internal sensors monitor the MOSFET temperatures. --- ### 4. Typical Applications This specific power module is often found in: * **SBC Powering:** Providing stable 5V for Single Board Computers (Raspberry Pi, Lathepanda, etc.) in industrial housings. * **FPGA Logic Arrays:** High-current 5V rails are common for large FPGA implementations. * **Sensor Hubs:** Powering multiple 5V sensors in a distributed control system. ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions and pinout configuration for the M2CEC-12005-R2?
    • ⤷ How does the 'R2' revision differ specifically from the original R1 model?
    • ⤷ What is the operating temperature range and derating curve for this module?