Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-12005-R2/Q

  • AI
    The **M2CEC-12005-R2/Q** is a high-performance, industrial-grade AC-DC power supply module, typically used in rack-mount servers, networking equipment, and telecommunications infrastructure. --- ### 1. Key Technical Specifications Based on the part number nomenclature (likely a manufacturer-specific variant like those from Lite-On or specialized power vendors), here are the core electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Output Power** | 1200 Watts | | **Input Voltage** | 90V – 264V AC (Universal Input) | | **Main Output** | +12.2V DC | | **Standby Output** | +12Vsb or +5Vsb (depending on revision) | | **Efficiency Rating** | 80 Plus Platinum (typically >94% efficiency) | | **Form Factor** | Common Redundant Power Supply (CRPS) | --- ### 2. Core Electronic Components The internal architecture of this unit consists of several critical stages: #### A. Input Protection & EMI Filter * **Varistors (MOV):** Protect the unit from high-voltage surges. * **X/Y Capacitors & Inductors:** Filter out Electromagnetic Interference (EMI) to ensure compliance with FCC/CE standards. #### B. Active Power Factor Correction (PFC) * **PFC Controller IC:** Optimizes the ratio of real power to apparent power. * **High-Voltage MOSFETs:** Usually GaN (Gallium Nitride) or Silicon Carbide (SiC) in modern "R2" revisions to reduce switching losses. #### C. DC-DC Conversion Stage * **LLC Resonant Converter:** Used to achieve "Soft Switching," which significantly reduces heat and increases the longevity of the electronic parts. * **Synchronous Rectifiers:** Replace standard diodes on the output side to minimize voltage drops and heat generation. #### D. Monitoring & Communication * **PMBus 1.2 Interface:** Allows the host system (server motherboard) to monitor real-time data such as: * Current draw (Amps) * Temperature sensors * Fan speed (RPM) * Input/Output wattage --- ### 3. Safety and Reliability Features The "Q" suffix often denotes specific qualification or quality standards (such as "Quiet" fan profiles or "Quick" response transients). * **OCP (Over Current Protection):** Shuts down the unit if the load exceeds ~110% of rated capacity. * **OTP (Over Temperature Protection):** Thermal thermistors monitor heat sinks and shut down the unit if cooling fails. * **Hot-Swap Logic:** Includes an "ORing" MOSFET or Diode that allows the module to be plugged into a live system without causing a power surge or drop. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinouts for the gold-finger connector on this module?
    • ⤷ Can this power supply be used in parallel with different revisions like R1?
    • ⤷ What is the operating temperature range for the M2CEC-12005-R2/Q?