Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-12501-R2

  • AI
    The **M2CEC-12501-R2** is a specific electronic sub-assembly, typically identified as a **Micro-ATX Carrier Board** or an **Industrial Computing Module**. This part is commonly used in embedded systems, specifically for interfacing COM Express modules with standard peripherals. Below is a breakdown of its technical specifications and core components. --- ## Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | Micro-ATX / Carrier Board | | **Compatibility** | COM Express Type 6 / Type 10 Modules | | **Expansion Slots** | PCIe x16, PCIe x4, Mini-PCIe | | **Storage Ports** | SATA III (6.0 Gb/s) | | **I/O Connectivity** | USB 3.0, Dual Gigabit Ethernet (GbE), RS-232/422/485 | | **Video Outputs** | HDMI, DisplayPort (DP), VGA (optional) | | **Power Input** | ATX Power Supply (24-pin + 4-pin) | --- ## Core Electronic Components ### 1. COM Express Connector The heart of the board is the high-density connector meant to house a "System on Module" (SoM). Instead of having a fixed CPU, this carrier board allows the user to swap different processing modules (Intel Core, Xeon, or Atom) without redesigning the entire system. ### 2. Voltage Regulation Modules (VRMs) * **Purpose:** To step down the 12V/5V ATX power to the sensitive low voltages (1.0V, 1.2V, 3.3V) required by the onboard chipsets and the COM Express module. * **Components:** High-frequency inductors, solid-state capacitors, and MOSFETs. ### 3. Controller Hubs (Super I/O) The board utilizes a **Super I/O chip** (often from manufacturers like Fintek or ITE) to manage legacy ports: * PS/2 Mouse/Keyboard signals. * Serial COM ports. * Hardware monitoring (fan speeds and thermal sensors). ### 4. Ethernet Controllers Equipped with independent PHY/MAC chips (usually **Intel i210 or i211** series) to provide stable, industrial-grade networking capable of Wake-on-LAN and PXE boot functions. --- ## Use Cases The R2 (Revision 2) of this board is frequently found in: 1. **Industrial Automation:** Controlling robotic arms or PLC units. 2. **Medical Imaging:** Processing high-resolution data from ultrasound or MRI sensors. 3. **Digital Signage:** Driving multiple 4K displays in public environments.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Type 6 and Type 10 COM Express modules for this board?
    • ⤷ Can this carrier board support fanless cooling configurations?
    • ⤷ Is the M2CEC-12501-R2 compatible with Windows 11 TPM requirements?