Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-1250D-R2

  • AI
    The **M2CEC-1250D-R2** is a high-performance, medical-grade AC/DC power supply module designed for high power density and reliability in critical environments. It is often utilized in medical imaging, diagnostics, and industrial automation. --- ### Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Output Power** | 1250 Watts | | **Input Voltage Range** | 90VAC - 264VAC (Universal) | | **Main Output Voltage** | Typically 12V or 24V DC (Model dependent) | | **Efficiency** | Up to 94% (80 PLUS Platinum equivalent) | | **Form Factor** | 1U Redundant / Rack-mount design | | **Certifications** | IEC/EN 60601-1 (Medical), UL/cUL | --- ### Key Electronic Components and Architecture #### 1. Power Factor Correction (PFC) Stage To meet stringent medical and industrial harmonics standards (like EN61000-3-2), the unit utilizes an **Active PFC circuit**. * **Electronic Parts:** High-speed Power MOSFETs (SiC - Silicon Carbide often used for efficiency) and specialized PFC controller ICs. * **Function:** Ensures the input current is in phase with the voltage, reducing reactive power loss. #### 2. Switching Topology (LLC Resonant Converter) To achieve the 1250W rating in a small footprint, the M2CEC-1250D-R2 typically employs an **LLC Resonant topology**. * **Electronic Parts:** Resonant inductors, high-voltage capacitors, and an isolation transformer. * **Benefit:** Allows for Zero Voltage Switching (ZVS), which drastically reduces electromagnetic interference (EMI) and heat generation. #### 3. Protection Circuitry The module integrates a "Smart Protection" suite using dedicated supervisory ICs: * **OVP/OCP/OTP:** Over-voltage, Over-current, and Over-temperature protection. * **Short Circuit Protection (SCP):** Uses a shunt resistor or Hall-effect sensor to detect current spikes and shut down the PWM controller instantly. #### 4. Cooling and Thermal Management * **Internal Fans:** Dual ball-bearing DC fans with speed control based on internal thermistors (NTC). * **Heat Sinks:** High-conductivity aluminum heatsinks are bonded to the primary power switches. --- ### Connector and Interface Layout The unit features a standard gold-finger edge connector for hot-swapping into a backplane. 1. **AC Input Pins:** L (Line), N (Neutral), G (Ground). 2. **DC Output Rails:** Massive copper traces for high current delivery. 3. **PMBus Interface:** Uses I2C communication protocols to provide real-time data on: * Voltage/Current levels. * Fan RPM. * Thermal status. --- ### Applications * **Medical Equipment:** MRI/CT scanners and life support systems requiring high isolation. * **Data Centers:** High-availability server racks. * **Industrial Power:** CNC machinery and automation control units.
    ✨ Follow-up Questions
    • ⤷What is the standard MTBF for the M2CEC-1250D-R2?
    • ⤷ Does this power supply support PMBus 1.2 communication?
    • ⤷ What are the specific medical safety isolation ratings for this model?