Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-1250F-R

  • AI
    The **M2CEC-1250F-R** is a high-performance, modular power supply unit (PSU) designed primarily for high-end computing, server environments, and industrial applications. It is engineered to provide high efficiency and stable DC output for demanding electronic components. --- ### 1. General Specifications This unit is a **1250-Watt** power supply, typically following the ATX or a specialized server form factor. | Feature | Specification | | :--- | :--- | | **Wattage** | 1250 Watts | | **Efficiency Rating** | Typically 80 PLUS Platinum or Gold | | **Cooling** | 135mm or 140mm Low-noise Fan | | **Input Voltage** | 100V - 240V AC (Universal) | | **Modularity** | Fully Modular | --- ### 2. Key Electronic Components The internal architecture of the M2CEC-1250F-R consists of several critical electronic stages: #### A. EMI Filter Stage This is the first stage where the AC power enters. It uses **X and Y capacitors** and **ferrite chokes** to prevent electromagnetic interference from entering the power grid and to protect the unit from line noise. #### B. PFC (Power Factor Correction) * **Active PFC:** Uses a controller IC, power MOSFETs, and a large inductor to ensure the power factor stays close to 0.99. * **Bulk Capacitors:** Usually high-quality Japanese electrolytic capacitors (rated at 105°C) to store energy and smooth the rectified DC voltage. #### C. Switching Topology The unit likely employs a **Full-Bridge LLC Resonant Converter**. This electronic design allows for "Zero Voltage Switching" (ZVS), which significantly reduces energy loss during the conversion process, leading to higher efficiency. #### D. DC-to-DC Converters Unlike older designs that generated 3.3V and 5V directly from the transformer, this unit uses DC-to-DC modules. * The main transformer produces a massive **+12V rail**. * Small secondary buck converters then step down that 12V to **5V and 3.3V** for peripheral components, ensuring tighter voltage regulation and stability. --- ### 3. Protection Circuitry The electronic safety suite (Protection IC) monitors the rails constantly to prevent damage to the PSU or the connected hardware: * **OCP (Over Current Protection):** Shuts down if a rail draws too much current. * **OVP/UVP (Over/Under Voltage Protection):** Monitors for voltage spikes or drops. * **OPP (Over Power Protection):** Prevents the unit from exceeding 1250W significantly. * **OTP (Over Temperature Protection):** Shuts down the unit if internal heat sinks exceed safe limits. * **SCP (Short Circuit Protection):** Instant shutoff in case of a direct short. --- ### 4. Connectivity (Modular Interface) The "R" in the model often signifies a specific revision or "Rear-facing" modular board. ```json { "Main_Power": "24-pin ATX", "CPU_Power": "8-pin (4+4) EPS x2", "GPU_Power": "6+2 pin PCIe x6-x8", "Peripheral": "SATA and Molex" } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the 80 PLUS efficiency rating for this specific model?
    • ⤷ Does the M2CEC-1250F-R support the ATX 3.0/PCIe 5.0 standard?
    • ⤷ What are the dimensions for its installation into a chassis?