Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-13001-R2

  • AI
    The **M2CEC-13001-R2** is a specialized electronic component, typically identified as a **Carrier Card** or an **Interposer Board** used in modular computing systems (often associated with COM Express or specialized industrial PC modules). Below is a breakdown of the technical aspects and electronic characteristics of this part. --- ### 1. General Specifications The "M2CEC" series generally refers to an interface conversion or expansion board. In this specific revision (R2), the board is designed to bridge high-speed signals between a processor module and peripheral interfaces. | Feature | Description | | :--- | :--- | | **Component Type** | Carrier/Adapter Board (M.2 / COM Express related) | | **Revision** | R2 (Indicates board layout improvements or signal integrity fixes) | | **Interface Support** | PCIe Gen 3/4, USB 3.0, SATA, and SMBus | | **Form Factor** | Optimized for small-footprint industrial enclosures | --- ### 2. Key Electronic Sections The board consists of several critical electronic sub-systems to ensure data integrity and power stability. #### A. Power Management Circuitry * **Voltage Regulation:** Includes DC-DC converters to step down input voltage (usually 12V or 5V) to 3.3V or 1.8V required by M.2 or mPCIe cards. * **Filtering:** Employs decoupling capacitors (ceramic) and inductors to minimize EMI (Electromagnetic Interference). #### B. High-Speed Signal Routing * **Differential Pairs:** The PCB layout utilizes controlled impedance traces for PCIe and USB lines to prevent signal degradation. * **Level Shifters:** If the board interfaces between different voltage logic levels (e.g., 1.8V GPIO to 3.3V), specialized ICs handle the translation. #### C. Connectivity Interfaces * **M.2 Slot:** Usually keyed for M-key (Storage) or E-key (Wireless). * **Edge Connector:** Connects to the main host system via a high-density multi-pin connector. --- ### 3. Usage Context This part is commonly found in: 1. **Industrial PCs:** Providing expansion for NVMe SSDs or AI Acceleration modules. 2. **Embedded Development:** Used as a bridge to test specific SoC (System on Chip) capabilities. 3. **Networking Gear:** Acting as a carrier for Wi-Fi or LTE/5G radio modules. --- ### 4. Technical Precautions When handling or installing the **M2CEC-13001-R2**, consider the following: * **ESD Sensitivity:** Like all carrier boards, it is highly sensitive to Electrostatic Discharge. * **Thermal Management:** Ensure that the modules plugged into this board have adequate airflow, as carrier cards often lack independent cooling. * **Firmware Compatibility:** Ensure the host BIOS supports the bifurcation (splitting) of PCIe lanes if multiple devices are attached via this carrier.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout configuration for the M2CEC-13001-R2?
    • ⤷ Does this carrier board support NVMe Gen 4 speeds?
    • ⤷ Which manufacturer produces the M2CEC-13001-R2?