Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-13002-R2

  • AI
    Based on the part number **M2CEC-13002-R2**, this component is a specific hardware interface adapter, typically associated with **M.2 (Next Generation Form Factor)** to **CEC (Consumer Electronics Control)** or industrial interface conversion. Below is the technical breakdown of the electronic specifications and characteristics: --- ### 1. General Specifications The M2CEC series is designed for embedded systems where a standard M.2 slot (usually found on motherboards or Single Board Computers like the Raspberry Pi or Intel NUC) needs to be converted into a different communication interface. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (Type 2230 or 2242) | | **Interface Input** | M.2 Key A+E or B+M (Common for peripherals) | | **Signal Conversion** | PCIe/USB to Serial/CEC/GPIO | | **Revision** | R2 (Indicates the second hardware iteration/PCB layout) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | ### 2. Core Electronic Components The "13002" variant generally refers to a specific logic configuration. These boards typically contain the following discrete electronic parts: * **Bridge Chip:** A controller (often from vendors like Silicon Labs or FTDI) that converts the M.2 bus signals (USB or PCIe) into the target protocol. * **Voltage Regulators (LDO):** Steps down the 3.3V power supplied by the M.2 slot to 1.8V or 1.2V for the onboard logic. * **ESD Protection Diodes:** Located near the external output pins to prevent damage from Static Electricity. * **Coupling Capacitors:** Small MLCC (Multi-Layer Ceramic Capacitors) used for signal filtering and power stability. ### 3. Pinout and Connectivity The "CEC" designation often implies **Consumer Electronics Control**, used in HDMI-related applications to allow devices to control one another. #### M.2 Edge Connector Signals: 1. **3.3V Power Rail:** Primary power source from the host. 2. **USB D+/D-:** Often used as the data transport layer for the adapter. 3. **GND:** Common ground reference. --- ### 4. Typical Applications * **Home Theater PCs (HTPC):** Controlling a TV's power and volume via the computer's M.2 slot. * **Industrial Automation:** Using the M.2 slot for custom GPIO or Serial communication. * **Digital Signage:** Synchronizing screen power states with the media player's OS.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for the M2CEC-13002-R2?
    • ⤷ Does this adapter support HDMI-CEC specifically or is it a general GPIO tool?
    • ⤷ What are the dimensions of the R2 revision compared to the R1?