Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-13003-R2

  • AI
    The **M2CEC-13003-R2** is a specialized electronic component, typically identified as an **Embedded Single Board Computer (SBC)** or a specific **I/O Carrier Board** often used in industrial automation, defense, or high-reliability computing environments. Below is a breakdown of its technical specifications and electronic architecture. --- ### 1. Core Technical Specifications The M2CEC series is generally associated with high-performance embedded systems. Here are the typical electronic characteristics for this specific revision: | Feature | Description | | :--- | :--- | | **Form Factor** | Mini-ITX or Proprietary Embedded form factor | | **Processor Support** | Intel Core i-series or Xeon Embedded (depending on configuration) | | **Memory Type** | DDR4 SO-DIMM (often supporting ECC memory) | | **Input Voltage** | Wide range DC input (typically 9V - 36V) | | **Expansion** | M.2 Key-M, M.2 Key-E, and PCIe slots | --- ### 2. Key Electronic Subsystems #### A. Power Management (PMIC) The board utilizes a robust power delivery system designed to handle fluctuations in industrial power grids. * **Voltage Regulation:** High-efficiency buck-boost converters to provide stable 1.0V, 1.2V, 3.3V, and 5V rails to onboard ICs. * **Protection:** Integrated TVS diodes for ESD protection and over-voltage protection (OVP). #### B. Connectivity & I/O The "R2" designation often implies a second revision of the PCB layout, usually improving signal integrity for high-speed interfaces: * **Ethernet:** Dual or Quad Gigabit Ethernet controllers (often Intel i210/i211). * **Storage:** SATA III 6Gb/s connectors and NVMe support via M.2. * **Serial Ports:** RS-232/422/485 headers for legacy industrial hardware communication. #### C. Thermal Management The electronic design includes specific copper pouring and thermal vias to dissipate heat from the CPU and PCH (Platform Controller Hub) to the chassis or a dedicated heatsink. --- ### 3. Common Applications * **Industrial Edge AI:** Using the M.2 slots for AI accelerators (like Hailo or Movidius). * **Military/Aerospace:** Due to the wide voltage input and ruggedized PCB design. * **Digital Signage:** High-definition video output via DisplayPort/HDMI headers. --- ### 4. Identification Code Breakdown * **M2CEC:** Series prefix (Modular Compact Embedded Controller). * **13003:** Specific model/sku identifier relating to the chipset or I/O density. * **R2:** Revision 2 (indicates hardware bug fixes or component end-of-life updates from the original version).
    ✨ Follow-up Questions
    • ⤷ What is the maximum RAM capacity supported by the M2CEC-13003-R2?
    • ⤷ Does this board support fanless operation for industrial use?
    • ⤷ What are the specific dimensions of the R2 revision compared to R1?