Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-14003-R

  • AI
    The **M2CEC-14003-R** is a specific electronic component typically associated with industrial automation and control systems. Based on technical specifications for this part number (often found in the catalog of manufacturers like **Advantech** or specialized PLC/Industrial PC providers), it is a **Terminal Block/Connector Board** used for signal distribution. ### 1. General Overview The M2CEC-14003-R serves as an interface between high-density cables (like SCSI or D-Sub) and discrete wiring. It allows engineers to easily connect sensors, actuators, or I/O modules to a central controller. --- ### 2. Technical Specifications | Feature | Details | | :--- | :--- | | **Component Type** | Terminal Board / Connector Module | | **Connector Type** | Usually 100-pin SCSI or high-density D-Sub (Interface dependent) | | **Mounting Type** | DIN-rail Mounting | | **Wiring Method** | Screw Terminals (for secure physical connection) | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ### 3. Key Electronic Functions * **Signal Routing:** It acts as a bridge, breaking out a single high-density connector into individual screw terminals for easier troubleshooting and installation. * **Cable Management:** Simplifies the organization of complex wiring in electrical cabinets. * **Voltage/Current Handling:** Designed for low-power control signals (typically 24V DC logic), rather than high-power electrical distribution. --- ### 4. Typical Application Workflow 1. **Input:** A high-density cable connects the M2CEC-14003-R to a PC-based Data Acquisition (DAQ) card or a PLC. 2. **Breakout:** The board distributes the internal pins of that cable to external screw terminals. 3. **Field Connection:** Field devices (limit switches, encoders, relays) are wired directly into the screw terminals.
    ✨ Follow-up Questions
    • ⤷ What is the pin count and connector type for the M2CEC-14003-R?
    • ⤷ Is this module compatible with standard 35mm DIN rails?
    • ⤷ Are there specific DAQ cards recommended for use with this terminal board?