Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-1400F-R/Q

  • AI
    The **M2CEC-1400F-R/Q** is a high-performance **Thermoelectric Cooler (TEC)** or Peltier Module manufactured by **Ferrotec**. These devices are solid-state heat pumps used for precision temperature control in medical, industrial, and telecommunications applications. --- ### 1. Technical Specifications Below are the primary electronic and thermal characteristics of the M2CEC-1400F series: | Parameter | Value/Description | | :--- | :--- | | **$I_{max}$ (Maximum Current)** | ~3.9 Amps | | **$V_{max}$ (Maximum Voltage)** | ~15.4 Volts | | **$Q_{max}$ (Max Cooling Power)** | ~36 Watts | | **$\Delta T_{max}$ (Max Temp Difference)** | $\geq 68^\circ C$ (at $T_{hot} = 27^\circ C$) | | **Internal Resistance** | ~3.15 Ohms | | **Configuration** | Multistage / High-Reliability | --- ### 2. Key Electronic Components & Construction #### A. Semiconductor Pellets The core of the device consists of P-type and N-type Bismuth Telluride ($Bi_2Te_3$) pellets. These are connected electrically in series but thermally in parallel. When a DC current passes through them, one side becomes cold while the other becomes hot (the Peltier Effect). #### B. Ceramic Substrates The "M2CEC" designation typically refers to the ceramic plates housing the semiconductors. * **Material:** Usually Alumina ($Al_2O_3$) or Aluminum Nitride ($AlN$) for high thermal conductivity and electrical insulation. * **Metallization:** The internal surfaces are metallized with copper traces to bridge the pellets. #### C. The "R/Q" Suffix Meaning In Ferrotec's nomenclature, these suffixes usually denote specific finishing or assembly standards: * **R:** Often indicates a specific **Sealant type** (e.g., RTV Silicone) used around the edges to prevent moisture ingress, which is the leading cause of TEC failure. * **Q:** Often refers to **Quality/Reliability** standards, such as those meeting Telcordia specifications for telecommunications or medical-grade testing. --- ### 3. Critical Implementation Notes * **Polarity:** TECs are DC devices. Reversing the polarity flips the direction of heat flow. * **Heat Sinking:** You **must** attach a heat sink to the "Hot Side" during operation. Without a heat sink, the device will reach its melting point (approx. 138°C - 232°C depending on internal solder) and fail within seconds. * **Control Method:** For best efficiency and longevity, use a **Pulse Width Modulation (PWM)** controller with a low-pass filter (L-C filter) to provide a smooth DC ripple. High ripple current reduces the cooling efficiency. --- ### 4. Typical Applications * **Laser Diode Cooling:** Stabilizing the wavelength of high-power lasers. * **PCR Thermal Cyclers:** Rapidly heating and cooling DNA samples in medical labs. * **CCD Cooling:** Reducing thermal noise in high-end imaging sensors.
    ✨ Follow-up Questions
    • ⤷ What is the recommended heat sink thermal resistance for this module?
    • ⤷ How does the 'R' sealant affect the maximum operating temperature?
    • ⤷ Can this module be used for power generation via the Seebeck effect?