Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-140E-R2

  • AI
    The **M2CEC-140E-R2** is a specific electronic carrier or expansion board, typically associated with industrial computing and embedded systems (often used with i-Pi or SMARC modules). It acts as an interface that breaks out high-speed signals from a System-on-Module (SoM) to standard physical connectors. --- ## 1. Key Technical Specifications Below is a breakdown of the primary electronic components and interfaces found on the board: | Component Category | Description / Details | | :--- | :--- | | **Form Factor** | Designed to interface with SMARC 2.0/2.1 or specialized M.2 modules. | | **Input Voltage** | Typically 5V DC (via USB-C or Terminal Block). | | **Expansion Slots** | 1x M.2 Key E (WiFi/BT), 1x M.2 Key B (LTE/5G/SATA). | | **Display I/O** | 1x HDMI, 1x LVDS or eDP (24-bit dual-channel). | | **Connectivity** | Gigabit Ethernet (RJ45), USB 3.0, and USB 2.0 ports. | | **GPIO/Serial** | 40-pin header (Raspberry Pi compatible layout) for UART, I2C, SPI. | --- ## 2. Core Electronic Subsystems ### A. Power Management Circuitry The board contains specialized **DC-DC Buck Converters** and **LDO (Low-Dropout Regulators)**. Since the main input is usually 5V, the board must step this down to: * **3.3V:** For M.2 slots and general logic. * **1.8V:** Often required for the SMARC module's I/O signaling. * **5V Standby:** For USB power delivery. ### B. Signal Level Shifters Because the CPU module (SMARC) often operates at **1.8V logic**, but external peripherals (like the 40-pin header) use **3.3V logic**, the M2CEC board utilizes bi-directional voltage level translators (e.g., TXB0108 or similar ICs) to prevent damage to the processor. ### C. Physical Layer (PHY) & Controllers * **Ethernet PHY:** It may contain a physical layer chip (like the Realtek RTL8211) to convert the RGMII signals from the module into standard copper Ethernet. * **USB Hub Controller:** Often includes an onboard USB hub IC to expand the limited number of USB lanes coming from the module into multiple Type-A ports. --- ## 3. Connector Pinout Summary The 40-pin expansion header is a critical electronic feature for developers: ```markdown Pin 1: 3.3V Power Pin 2: 5V Power Pin 3: I2C_SDA Pin 4: 5V Power Pin 5: I2C_SCL Pin 6: Ground Pin 8: UART_TX Pin 10: UART_RX Pin 19: SPI_MOSI Pin 21: SPI_MISO ``` --- ## 4. Usage Context This board is primarily used as a **Carrier Board**. In electronics design, this means: 1. **The "Brain":** Is on a separate module (e.g., an LEC-RB5 or i-Pi SMARC). 2. **The "Body":** Is the M2CEC-140E-R2, providing the mechanical mounting and electronic "highway" for data to reach the outside world.
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements and current limits for the 5V input?
    • ⤷ Which SMARC modules are officially compatible with the M2CEC-140E-R2?
    • ⤷ Does this board support NVMe storage through its M.2 slots?