Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-1503-R/Q

  • AI
    The **M2CEC-1503-R/Q** refers to a high-performance **Crystal Oscillator (XO)**, specifically belonging to a series often used in industrial, telecommunications, and high-reliability computing applications. Below is a breakdown of its electronic components, specifications, and architecture. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this component series, the specifications are typically structured as follows: | Parameter | Specification | | :--- | :--- | | **Component Type** | SMT (Surface Mount) Crystal Oscillator | | **Output Type** | CMOS / HCMOS | | **Frequency Range** | Typically 1.000 MHz to 160.000 MHz | | **Supply Voltage** | 3.3V (standard for the '1503' variant) | | **Frequency Stability** | ±25ppm to ±100ppm (depending on grade) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Package Size** | 5.0 x 3.2 mm (Standard 4-pad) | --- ### 2. Internal Electronic Parts The device is an integrated timing solution consisting of several critical sub-components: #### A. The Quartz Crystal Blank * **Material:** High-purity synthetic quartz. * **Function:** Acts as the mechanical resonator. It is cut at a specific angle (usually AT-cut) to provide a stable vibration frequency via the piezoelectric effect. #### B. The Oscillator IC (Application Specific IC - ASIC) * **Buffer/Amplifier:** Amplifies the low-level signal from the crystal to maintain oscillation. * **Output Driver:** Converts the internal sine wave into a clean square wave (CMOS/HCMOS) compatible with digital logic circuits. * **Trimming Circuit:** Internal capacitors used to fine-tune the frequency to the exact target during manufacturing. #### C. Passives & Packaging * **Decoupling Capacitors:** Often integrated within the package to reduce electrical noise on the power supply line. * **Hermetic Seal:** The internal parts are housed in a ceramic package with a metal lid, vacuum-sealed or filled with nitrogen to prevent aging and environmental interference. --- ### 3. Pin Configuration The M2CEC series usually follows a standard 4-pin layout for 5x3.2mm oscillators: | Pin # | Function | Description | | :--- | :--- | :--- | | **1** | **E/D or NC** | Enable/Disable (Tri-state) or No Connect | | **2** | **GND** | Ground connection | | **3** | **Output** | Frequency signal output | | **4** | **Vdd** | Supply Voltage (3.3V) | --- ### 4. Meaning of Suffixes (R/Q) * **"R":** Generally denotes "RoHS Compliant" or a specific "Tape and Reel" packaging format. * **"Q":** In many electronic components, "Q" indicates an Automotive Grade qualification (like AEC-Q200) or a specific high-quality screening process. --- ### 5. Common Applications * **Ethernet Switches:** Providing the clock for data packet processing. * **Microcontrollers:** External clock source for high-speed MCU operations. * **Storage Systems:** SSD controllers and RAID cards. * **Industrial Automation:** PLCs and sensor nodes requiring stable timing in wide temperature ranges.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 1503 and 1502 variants in this series?
    • ⤷ How does the Tri-state (Enable/Disable) function work electronically?
    • ⤷ What is the maximum jitter specification for this oscillator?