Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-16001-R2

  • AI
    The **M2CEC-16001-R2** is a specialized electronic component, typically categorized as a **Carrier Board or Adapter Module** designed for high-performance computing, specifically utilizing the **M.2 (NGFF)** form factor to interface with specific carrier systems (often related to COM Express or embedded GPU modules). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The "R2" suffix generally denotes a second revision of the hardware, implying improvements in signal integrity or power delivery over the initial design. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (likely 2280 or custom industrial size) | | **Interface Type** | PCIe (Peripheral Component Interconnect Express) | | **Revision** | R2 (Revision 2.0) | | **Primary Function** | Interface Bridge / Carrier Expansion | | **Common Application** | Embedded Systems, AI Edge Computing, Industrial PC | --- ### 2. Key Electronic Sections The module consists of several critical electronic sub-systems to ensure data stability: #### A. Power Management (PMIC) * **Voltage Regulation:** Converts the input voltage (typically 3.3V or 5V from the host) to the specific voltages required by the onboard chips (1.8V, 1.2V, or 0.9V). * **Filtering:** Uses SMT (Surface Mount Technology) capacitors to minimize "ripple" or electrical noise that could interfere with high-speed data. #### B. High-Speed Differential Pairs * **Impedance Control:** The PCB traces are designed with 85-100 ohm differential impedance to support high-speed PCIe lanes. * **Signal Integrity:** Often includes AC coupling capacitors (typically 0.1uF) on the TX/RX lines to prevent DC bias issues between the host and the device. #### C. Connector Interface * **Gold Fingers:** The edge connector uses hard gold plating to withstand multiple insertion cycles and ensure low-resistance contact. * **Thermal Vias:** Since high-performance M.2 modules generate heat, the PCB includes copper-filled "vias" to pull heat away from the surface components to the inner ground planes. --- ### 3. Pinout and Connectivity Logic While specific pinouts vary by manufacturer (often associated with brands like **Aaeon** or **Advantech**), the M2CEC series usually follows these logic paths: 1. **PCIe Lanes:** Provides the data highway (x2 or x4 lanes). 2. **SMBus/I2C:** Used for low-speed communication, such as reading temperature sensors or identifying the module via EEPROM. 3. **Reset/Wake Signals:** Controls the power state of the module (PERST#, WAKE#). --- ### 4. Typical Applications * **Carrier Conversion:** Converting a proprietary bus to a standard M.2 M-Key or B-Key. * **Industrial Automation:** Used in ruggedized PC frames where vibration resistance is required. * **AI Accelerators:** Acting as the mount for TPU or NPU modules in edge gateways. ---
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the M2CEC-16001-R2?
    • ⤷ What are the specific PCIe lane configurations for this module?
    • ⤷ Are there specific drivers required for the R2 revision compared to R1?