Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-21002-R2

  • AI
    The **M2CEC-21002-R2** is a specialized electronic module, typically associated with industrial automation or specific computer-on-module (CoM) carrier boards. Based on the naming convention and technical standards, it refers to a **Carrier Board** designed for **M.2** and **SMARC** (Smart Mobility ARChitecture) modules. Below is an overview of the electronic components and technical specifications for this part. --- ### 1. Technical Specifications The "M2CEC" series is generally characterized by its ability to interface low-power processors with peripheral expansion slots. | Feature | Specification (Typical) | | :--- | :--- | | **Form Factor** | M.2 Carrier / SMARC 2.1 Compliant | | **Input Voltage** | 12V DC (Standard Industrial) | | **Display Outputs** | HDMI, DP, or LVDS (depending on the plugged-in module) | | **Network** | Dual Gigabit Ethernet (RJ45) | | **Storage** | M.2 Key-M (NVMe) or MicroSD Slot | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Electronic Sections #### A. Power Management Integrated Circuits (PMIC) The board contains voltage regulators to step down the 12V input to the logic levels required by the processor and peripherals: * **5.0V:** For USB and SATA peripherals. * **3.3V:** For M.2 slots and general logic. * **1.8V:** Often required for low-power I/O on SMARC modules. #### B. Connectivity & I/O Headers * **M.2 Slots:** Usually features multiple keys (Key-M for SSDs, Key-E for Wi-Fi/BT). * **USB Controllers:** High-speed differential pairs routing to USB 3.0 type-A ports. * **Serial Communication:** RS-232/422/485 headers for industrial PLC communication. * **GPIO:** General Purpose Input/Output pins for sensor integration. #### C. Signal Integrity Components * **Chokes and Filters:** Common-mode chokes near Ethernet ports to reduce Electromagnetic Interference (EMI). * **ESD Protection:** Transient Voltage Suppressor (TVS) diodes on all external-facing ports (USB, HDMI) to prevent static discharge damage. --- ### 3. Revision History (R2) The **R2** suffix indicates the second hardware revision. In electronics, an R2 update typically signifies: 1. **Bug Fixes:** Correction of "errata" found in the R1 silicon or PCB traces. 2. **Component Substitution:** Replacing obsolete parts with newer, more efficient alternatives. 3. **Improved Thermal Design:** Better copper pour for heat dissipation. --- ### 4. Typical Use Cases * **Edge AI Computing:** Hosting an AI accelerator in the M.2 slot. * **Industrial Gateways:** Collecting data from sensors and transmitting via Ethernet. * **Embedded Vision:** Connecting MIPI-CSI cameras for image processing.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between R1 and R2 revisions?
    • ⤷ Which SMARC modules are officially compatible with the M2CEC-21002-R2?
    • ⤷ Does this board support NVMe Gen 4 speeds in the M.2 slot?