Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-2100D-R2

  • AI
    The **M2CEC-2100D-R2** is a high-performance industrial-grade embedded motherboard, typically part of the **ARES-2100** series by **LEX Computech**. It is designed for compact, rugged environments such as edge computing, digital signage, and automation. ### 1. Core Processing & Architecture The board is built around the **Intel Apollo Lake** platform, which offers a balance between low power consumption (TDP) and efficient multi-core processing. | Component | Specification | | :--- | :--- | | **CPU** | Intel® Celeron® J3455 (Quad-Core, up to 2.3 GHz) | | **Memory Support** | 1 x DDR3L 1866MHz SO-DIMM (Max 8GB) | | **Graphics** | Intel® HD Graphics 500 | | **BIOS** | AMI UEFI BIOS | --- ### 2. Connectivity and I/O Interface The "R2" revision often indicates a hardware refresh or specific pinout optimization for industrial standards. * **Display Outputs:** Dual display support via **2 x HDMI** ports, allowing for 4K resolution output. * **Networking:** Equipped with dual **Intel i211-AT Gigabit Ethernet** controllers, which are preferred in industrial settings for their reliability and driver support. * **USB Ports:** Usually features 4 x USB 3.0 ports for high-speed data transfer. * **Serial Communication:** Includes internal headers or external ports for **RS-232/422/485**, essential for connecting to legacy industrial sensors and PLCs. --- ### 3. Expansion and Storage Slots The M2CEC-2100D-R2 utilizes the M.2 standard heavily to maintain a small footprint while providing high-speed expansion. | Slot Type | Purpose | | :--- | :--- | | **M.2 Key-M** | Supports M.2 SSDs (SATA or PCIe signal) for OS storage. | | **M.2 Key-E** | Used for Wireless connectivity (Wi-Fi / Bluetooth modules). | | **M.2 Key-B** | Often used for 3G/4G/LTE cellular modules with a SIM slot. | | **SATA** | 1 x SATA III (6Gb/s) port for standard 2.5" SSD/HDD. | --- ### 4. Electrical and Environmental Specs Designed for "Fanless" operation, the electronic components are selected for their thermal tolerance. * **Power Input:** Wide range DC input (typically **+9V to +36V DC**), making it suitable for vehicle or factory power rails. * **Protection:** Includes over-voltage and over-current protection circuits. * **Watchdog Timer:** Integrated 1~255 level system reset timer to prevent system hang-ups in remote locations. --- ### 5. Summary of Key Features 1. **Fanless Design:** No moving parts increases the Mean Time Between Failures (MTBF). 2. **Compact Form Factor:** Based on the 3.5-inch board standard or proprietary small-form-factor (SFF). 3. **Industrial Longevity:** Components are selected to ensure availability for 5-7 years, unlike consumer motherboards.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption requirements for the J3455 processor in this board?
    • ⤷ Does the M2CEC-2100D-R2 support NVMe boot drives or only SATA-based M.2?
    • ⤷ Can this board be integrated into a DIN-rail mounting system?