Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-2150D-R2

  • AI
    The **M2CEC-2150D-R2** is a specialized industrial-grade power and communication module, typically used in embedded computing systems (specifically compatible with Advantech equipment). It serves as a bridge for providing power and additional I/O capabilities. --- ### ## Technical Specifications Overview The following table summarizes the core electronic characteristics of the module: | Component / Feature | Specification | | :--- | :--- | | **Input Voltage** | 9V ~ 36V DC | | **Output Interface** | High-density Board-to-Board connector | | **Form Factor** | Proprietary M2CEC (Modular Expansion) | | **Operating Temperature** | -40°C ~ 85°C (Industrial Grade) | | **Protection Circuits** | Over-voltage, Over-current, and Reverse Polarity | --- ### ### Core Electronic Subsystems #### 1. Power Regulation (DC-DC Conversion) The primary function of this board is to take a wide-range DC input (often from a vehicle battery or industrial supply) and regulate it into stable voltages required by the mainboard. * **Filtering:** Uses solid-state capacitors and inductors to reduce EMI (Electromagnetic Interference). * **Efficiency:** Employs high-efficiency buck-boost converters to minimize heat dissipation. #### 2. Communication & Control The "2150D" series often includes signal conditioning for specific communication protocols: * **CANBus/Serial Support:** Many versions of this module act as a physical layer interface for CAN high/low signals. * **Isolated I/O:** Features opto-isolators to protect the main CPU from voltage spikes on the external data lines. #### 3. Protection Logic To ensure reliability in harsh environments, the PCB includes: * **TVS Diodes:** For Transient Voltage Suppression against static and surges. * **Resettable Fuses (PTC):** To prevent board damage during short-circuit events. --- ### ### Example Connection Pinout (General Layout) While the exact pinout is proprietary to the manufacturer's carrier board, the logic follows this structure: ```cpp // Conceptual Logic for Power Management on M2CEC if (input_voltage > 9.0 && input_voltage < 36.0) { status = POWER_READY; enable_output_rails(); } else { trigger_fault_protection(); } ```
    ✨ Follow-up Questions
    • ⤷ What are the compatible carrier boards for the M2CEC-2150D-R2?
    • ⤷ Does this module support hardware-level encryption or TPM?
    • ⤷ What is the specific MTBF (Mean Time Between Failures) for this electronic part?