Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-2155-R/Q

  • AI
    The **M2CEC-2155-R/Q** is a specialized high-performance industrial touch monitor manufactured by **Maxtang** (often part of their Rugged/Industrial series). It is designed for human-machine interface (HMI) applications in harsh environments. --- ### 1. General Specifications The device is a 21.5-inch widescreen industrial monitor. The "R/Q" suffix usually denotes specific variations in touch technology (Resistive vs. Capacitive) or specific I/O configurations. | Feature | Specification | | :--- | :--- | | **Display Size** | 21.5-inch LED Backlight | | **Resolution** | 1920 x 1080 (Full HD) | | **Aspect Ratio** | 16:9 | | **Luminance** | 250 - 350 cd/m² (Standard) | | **IP Rating** | Typically IP65 Front Panel (Water/Dust proof) | --- ### 2. Electronic Components & Internal Layout The internal electronics are categorized into three main subsystems: #### A. The AD Board (Analog-to-Digital Controller) This is the "brain" of the monitor. It converts incoming video signals into a format the LCD panel can display. * **Scalers:** Integrated chips that handle resolution scaling and image processing. * **OSD Controller:** Buttons or software controls for brightness, contrast, and color temperature. * **Video Inputs:** Usually includes HDMI, VGA, and DVI-D ports. #### B. Touch Screen Controller Depending on whether the model is **R** (Resistive) or **Q/C** (Capacitive): * **Capacitive (PCAP):** Uses a controller (often via USB) that detects electrical charges from a human finger. Supports multi-touch. * **Resistive:** Uses a pressure-sensitive overlay. The controller translates physical pressure into X/Y coordinates via a 4-wire or 5-wire interface. #### C. Power Management System * **Input Voltage:** Designed for industrial stability, usually supporting **12V - 24V DC** input. * **Inverter/LED Driver:** Converts DC power to the specific voltage required to light the LED backlight strips behind the LCD. --- ### 3. Key Electronic Features 1. **Anti-Interference Design:** The internal circuitry includes EMI (Electromagnetic Interference) shielding to prevent the screen from flickering near heavy industrial machinery. 2. **Wide Temperature Components:** Capacitors and resistors used in these units are rated for higher temperature ranges (typically -10°C to 60°C) compared to consumer monitors. 3. **Watchdog Timer (Optional):** Some industrial boards include a timer to reset the display controller if it freezes. --- ### 4. Comparison of "R" vs "Q" Variants | Aspect | **M2CEC-2155-R** | **M2CEC-2155-Q (Capacitive)** | | :--- | :--- | :--- | | **Touch Tech** | Resistive (Pressure) | Projective Capacitive (Electrical) | | **Input Method** | Stylus, Gloves, Fingertip | Bare finger, Thin surgical gloves | | **Durability** | High (Scratch resistant) | Very High (Glass front) | | **Multi-touch** | Single Touch | Multi-touch (10 points) |
    ✨ Follow-up Questions
    • ⤷ What is the exact power consumption of the M2CEC-2155 under full load?
    • ⤷ Does this model support mounting options like VESA or Panel Mount?
    • ⤷ Can the touch controller be interfaced via RS232 instead of USB?