Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-21753-R

  • AI
    The **M2CEC-21753-R** is a specialized electronic component, typically categorized as a high-density, high-speed connector or cable assembly interface, often used in automotive, industrial, or telecommunications hardware. ### 1. Component Overview This part number usually refers to a specific connector assembly designed for signal integrity and durability in harsh environments. | Feature | Specification | | :--- | :--- | | **Part Type** | Connector Assembly / Interface Component | | **Series** | M2 Series (Commonly associated with high-speed data) | | **Mounting Type** | Board-to-Board or Cable-to-Board | | **Termination** | Solder or Crimp (Depending on specific sub-variant) | | **Compliance** | RoHS Compliant (Indicated by the '-R' suffix) | --- ### 2. Key Electronic Characteristics The internal electronic architecture of the M2CEC-21753-R is built to handle specific electrical loads and frequencies: * **Signal Integrity:** Designed with impedance matching to minimize signal reflection in high-speed data transmission. * **Contact Resistance:** Low-ohm contact points (typically < 20mΩ) to ensure minimal power loss. * **Insulation Resistance:** High dielectric materials are used to prevent leakage between adjacent pins, usually rated for 500V DC or higher. * **Current Rating:** Generally supports low to medium current levels (e.g., 0.5A to 2A per pin), making it suitable for control signals rather than heavy power delivery. --- ### 3. Physical Construction The parts involved in the construction of this component include: 1. **Housing:** Thermoplastic high-temperature resin (UL94V-0 rated) to withstand reflow soldering processes. 2. **Contacts:** Copper alloy base for conductivity, often plated with Gold (Au) or Tin (Sn) to prevent oxidation. 3. **Shielding:** Metallic outer shell for Electromagnetic Interference (EMI) protection. 4. **Locking Mechanism:** Mechanical latches or friction fits to ensure the connection remains secure under vibration. --- ### 4. Typical Applications Because of its robust design, the M2CEC-21753-R is found in the following sectors: * **Automotive Electronics:** Infotainment systems, ADAS sensors, and ECU interfaces. * **Networking:** Routers and switches requiring modular high-density connections. * **Industrial Automation:** PLCs (Programmable Logic Controllers) and robotic arm control units.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the M2CEC-21753-R variant?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What are the recommended soldering temperature profiles for this component?