Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-22006-R2

  • AI
    The **M2CEC-22006-R2** is a specialized carrier board or adapter module, typically associated with industrial computing and embedded systems (often linked to the **M.2** form factor and **COM Express** or specialized sensor interfaces). Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. General Specifications The module serves as an interface bridge. Based on the nomenclature, it is designed for high-speed data transmission and rugged environmental conditions. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (Type 2242 or 2260/2280 depending on revision) | | **Interface Type** | PCIe (Express) or SATA (depending on keying) | | **Revision** | R2 (Indicates the second hardware iteration/PCB layout) | | **Operating Temp** | Typically Industrial grade (-40°C to +85°C) | --- ### 2. Key Electronic Components A board like the M2CEC-22006-R2 generally consists of the following internal subsystems: #### A. Power Management Integrated Circuits (PMIC) * **Voltage Regulators:** Converts the input voltage (usually 3.3V from the M.2 slot) into stable voltages for onboard logic (1.8V, 1.2V, etc.). * **Decoupling Capacitors:** Small MLCC (Multi-Layer Ceramic Capacitors) placed near the power pins to filter out high-frequency noise. #### B. Signal Conditioning * **Re-drivers/Repeaters:** To maintain signal integrity for high-speed PCIe lanes over the trace lengths. * **ESD Protection Diodes:** Located near external connectors to prevent damage from Electrostatic Discharge. #### C. Interconnects * **Gold Finger Connector:** The standard M.2 edge connector for plugging into a host motherboard. * **High-Density Board-to-Board Connector:** (Likely the "CEC" part of the name) used to interface with a daughterboard or sensor array. --- ### 3. Pinout and Signal Architecture The device typically utilizes the following signal groups: 1. **Differential Pairs:** Used for high-speed data (TX/RX pairs). 2. **Clock Signals:** Reference clocks (REFCLK+/-) for synchronization with the host. 3. **Sideband Signals:** * `PERST#`: PCIe Reset. * `WAKE#`: Link wake-up signal. * `CLKREQ#`: Clock request signal for power management. --- ### 4. Typical Application Circuit Block ```mermaid graph LR A[M.2 Host Interface] --> B[Power Filter / LDO] A --> C[PCIe Differential Pairs] C --> D[Signal Re-driver] D --> E[External Expansion Port] B --> E ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout configuration for the R2 revision?
    • ⤷ Is this module compatible with NVMe or SATA protocols?
    • ⤷ What are the mechanical dimensions of the M2CEC-22006-R2?