Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-2200F-R2

  • AI
    The **M2CEC-2200F-R2** is a high-performance industrial-grade Fanless Embedded System, typically manufactured by IEI Integration Corp. It is designed for rugged edge computing, AI inference, and automation control. --- ### 1. Key Electronic Components & Specifications | Component Category | Specification Details | | :--- | :--- | | **Processor (CPU)** | Supports 10th/11th Gen Intel® Core™ i7/i5/i3 or Celeron® processors (LGA1200 socket). | | **Memory (RAM)** | Dual-channel DDR4 SO-DIMM slots, typically supporting up to 64GB 2933MHz. | | **Chipset** | Intel® Q470E / H420E Express Chipset. | | **Power Input** | Wide range DC input (typically 9V ~ 36V) via a 3-pin terminal block. | | **Storage Interfaces** | 2 x 2.5'' SATA 6Gb/s HDD/SSD bays (RAID 0/1 supported) and 1 x M.2 M-key (NVMe). | --- ### 2. Connectivity and I/O Layout The electronic architecture focuses on high-speed data throughput and industrial peripheral support: * **Networking:** 2.5GbE LAN ports (often Intel I225-LM/V) for high-speed industrial ethernet. * **Expansion Slots:** * **M.2 A-Key:** For Wi-Fi or Bluetooth modules. * **M.2 B-Key:** For 5G/LTE modules with SIM slot. * **PCIe x16:** Often used for adding an entry-level GPU or specialized FPGA cards. * **Serial Ports:** RS-232/422/485 (DB-9) with isolation protection to prevent electrical surges from damaging the mainboard. * **Video Output:** HDMI and DisplayPort (DP++) supporting 4K resolution. --- ### 3. Industrial Electrical Features 1. **Fanless Thermal Management:** Uses a passive cooling architecture where the aluminum chassis acts as a heatsink, transferring heat away from the CPU via copper heat pipes. 2. **Power Protection:** * **OVP (Over Voltage Protection)** * **OCP (Over Current Protection)** * **Reverse Polarity Protection** 3. **Ruggedized Design:** The internal circuitry is built to withstand high vibrations (MIL-STD-810G compliant) and operates in a wide temperature range (usually -20°C to 60°C). --- ### 4. Code Configuration Example (BIOS/WDT) To interact with the electronic watchdog timer (WDT) often found in these units, a developer might use a C++ snippet like this: ```cpp // Example: Triggering a system reset via the Watchdog Timer #include #include "IEI_WDT_Lib.h" // Hypothetical IEI SDK header int main() { int timeout = 10; // seconds if (InitWDT()) { SetWDTTimeout(timeout); StartWDT(); std::cout << "Watchdog started: " << timeout << "s" << std::endl; } return 0; } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible GPU options for the M2CEC-2200F-R2 PCIe slot?
    • ⤷ Does this model support TPM 2.0 for hardware-level security?
    • ⤷ What is the maximum power consumption under full load for this system?