Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-22504-R2

  • AI
    The **M2CEC-22504-R2** is a high-performance **M.2 to PCIe adapter/carrier card**, specifically designed for industrial and embedded computing environments. It is part of a series often utilized in rugged systems to bridge the gap between M.2 form factor modules and standard PCIe interfaces. ### 1. Technical Specifications Overview The electronic design focuses on signal integrity and power management to ensure that NVMe storage or high-speed communication modules function reliably. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (NGFF) to PCIe x4 / x8 / x16 | | **Interface Speed** | Supports up to PCIe Gen 4.0 (Backwards compatible) | | **Connector Keying** | M-Key (primarily for NVMe SSDs) | | **Dimensions** | Standard Low-Profile or Full-Height options | | **Voltage Input** | 3.3V (standard M.2 requirement) | --- ### 2. Core Electronic Components The PCB (Printed Circuit Board) of the M2CEC-22504-R2 contains several critical electronic sub-systems: #### A. Voltage Regulation & Power Management Since M.2 drives can draw significant current (especially Gen4 NVMe drives), the card includes: * **DC-to-DC Converters:** Steps down or stabilizes the power supplied by the PCIe slot to a steady 3.3V. * **Filtering Capacitors:** Multi-layer ceramic capacitors (MLCCs) are placed near the M.2 slot to reduce ripple and noise, preventing data corruption during high-load operations. #### B. Signal Integrity Features * **Differential Pair Routing:** The data traces are routed as matched-impedance differential pairs to minimize EMI (Electromagnetic Interference) and crosstalk. * **Gold-Plated Contacts:** Ensures high conductivity and corrosion resistance at the physical connection points. #### C. Thermal Protection * **Thermal Pads/Vias:** The "R2" revision often includes enhanced copper pours and thermal vias to dissipate heat from the controller of the mounted M.2 device into the PCB plane. --- ### 3. Common Applications This specific part is frequently found in the following scenarios: 1. **Industrial Servers:** Adding high-speed NVMe storage to legacy servers that lack native M.2 slots. 2. **Data Acquisition:** Used in labs to interface high-speed M.2-based FPGA or AI accelerator modules. 3. **Embedded Systems:** Integrating wireless modules or storage into custom-built rugged enclosures. --- ### 4. Installation Pinout Logic The board maps the M.2 pins to the PCIe lanes as follows: * **Pins 1-11:** Ground and Power (3.3V). * **Pins 12-75:** Differential signal pairs for Transmit (TX) and Receive (RX), Clock signals (REFCLK), and sideband signals like PERST# (Reset) and CLKREQ# (Clock Request).
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer rate supported by the M2CEC-22504-R2?
    • ⤷ Does this adapter support B-Key or M-Key SSDs exclusively?
    • ⤷ Are there specific power requirements for the host PCIe slot when using this card?