Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-2250F-R

  • AI
    The **M2CEC-2250F-R** is a specific model of an **Edge AI Embedded System** (often referred to as an AI Box or Industrial PC) manufactured by companies like **ASUS (PE200 series variant)** or specialized industrial computing firms. It is designed for high-performance computing at the "edge," specifically for tasks like machine learning inference and computer vision. Below is a breakdown of its primary electronic components and specifications. --- ### 1. Core Processing Unit The heart of the system is based on the Intel® Core™ platform, designed to balance power consumption with computational throughput. | Component | Specification | Description | | :--- | :--- | :--- | | **CPU** | Intel® Core™ i5-1135G7 / i7-1165G7 | 11th Gen Tiger Lake processors with integrated Iris Xe graphics. | | **Architecture** | 10nm SuperFin | High efficiency for 24/7 industrial operations. | | **TDP** | 15W - 28W (Configurable) | Low thermal footprint, ideal for fanless enclosures. | --- ### 2. Memory and Storage These parts ensure high-speed data access and reliable OS performance in harsh environments. * **RAM (Memory):** * **Type:** 2 x SO-DIMM DDR4 slots. * **Capacity:** Supports up to 64GB (3200MHz). * **Storage Interface:** * **M.2 M-Key:** Supports NVMe (PCIe Gen4 x4) for high-speed SSDs. * **SATA:** Often includes 1 x 2.5" SSD/HDD bay for mass storage. --- ### 3. Expansion Slots & Connectivity The "M.2" in the name often refers to the extensive use of M.2 expansion slots for modular electronic upgrades. | Slot Type | Purpose | Electronics Supported | | :--- | :--- | :--- | | **M.2 E-Key** | Wireless Connectivity | WiFi 6 and Bluetooth modules. | | **M.2 B-Key** | Cellular Data | 4G LTE or 5G modules (with SIM slot). | | **M.2 M-Key** | Acceleration | AI Accelerators (like Hailo-8 or Intel Movidius). | --- ### 4. Input/Output (I/O) Interfaces The electronic board features specialized controllers to handle industrial communication protocols. * **Networking:** Dual Intel® I210/I211-AT Gigabit Ethernet controllers (supports Wake-on-LAN). * **Serial Ports:** 2 to 4 COM ports (RS-232/422/485) controlled by an **Super I/O chip** (e.g., Nuvoton or Fintek). * **Display:** HDMI 2.0 and DisplayPort 1.4 for 4K video output. * **USB:** USB 3.2 Gen 2 (10Gbps) ports for high-speed camera sensors. --- ### 5. Power and Thermal Design * **DC Input:** Wide-range voltage input (typically 12V to 24V DC). * **Protection Electronics:** Over-voltage protection (OVP), Over-current protection (OCP), and TVS diodes for surge protection. * **Cooling:** Passive heat pipes and aluminum fins (Fanless Design) to prevent mechanical failure. --- ### Technical Summary The **M2CEC-2250F-R** is categorized as an **Industrial AI Gateway**. Its electronic design emphasizes **Modularity** (via M.2 slots) and **Durability** (Industrial grade capacitors and solid-state components). It is most commonly used in smart retail, traffic monitoring, and automated quality inspection in factories.
    ✨ Follow-up Questions
    • ⤷What are the specific power supply requirements for the M2CEC-2250F-R?
    • ⤷ Can this unit support dedicated AI acceleration modules like the Hailo-8?
    • ⤷ What is the operating temperature range for this electronic system?