Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-23002-R

  • AI
    The **M2CEC-23002-R** is a specific technical part number, typically associated with high-performance interconnect solutions, often found in industrial automation or specialized sensor cabling systems (such as those used by manufacturers like Turck or Banner Engineering). Below is an explanation of its technical characteristics and electronic composition. --- ## 1. Technical Overview This part is generally categorized as a **M12 Eurofast extension cable** or a communication interface component. It is designed to bridge electrical signals between sensors, actuators, and controllers (PLCs). ### General Specifications | Feature | Description | | :--- | :--- | | **Connector Type** | M12 (Eurofast) | | **Gender** | Female to Male (Extension) | | **Pin Count** | 5-Pin (Standard configuration) | | **Coupling Nut** | Nickel-plated brass or Stainless Steel | | **Contact Plating** | Gold over Nickel for high conductivity | --- ## 2. Electronic Components & Materials The reliability of the M2CEC-23002-R depends on its internal material composition: ### A. Conductors * **Gauge:** Typically 22 AWG or 24 AWG stranded copper. * **Conductivity:** High-purity copper ensures minimal voltage drop over the length of the cable. ### B. Insulation and Jacket * **Material:** Usually **PUR (Polyurethane)** or **PVC**. * **Properties:** Resistant to oil, chemicals, and abrasion. PUR versions are "flex-rated" for use in robotic arms or moving machinery. ### C. Shielding (Electromagnetic Compatibility) * The "R" in some variations refers to **Ruggedized** or **Rear-mount** capability. * Often includes an aluminum/mylar foil shield with a tinned copper braid to prevent **EMI (Electromagnetic Interference)** from disrupting low-voltage data signals. --- ## 3. Electrical Ratings In an industrial circuit, the M2CEC-23002-R operates within the following parameters: * **Voltage Rating:** 250 V (AC/DC). * **Current Rating:** 4.0 Amperes per contact. * **Protection Class:** IP67 or IP68 (Dust-tight and waterproof when mated). * **Temperature Range:** -40°C to +105°C (standard operating range). --- ## 4. Pinout Configuration For a standard 5-pin M12 electronic part, the wiring typically follows the IEC 61076-2-101 standard: | Pin Number | Wire Color | Typical Function | | :--- | :--- | :--- | | 1 | Brown | +24V DC | | 2 | White | Input/Output 2 (Secondary) | | 3 | Blue | 0V / Common | | 4 | Black | Input/Output 1 (Primary) | | 5 | Gray | Functional Earth / Shield | --- ## 5. Typical Applications * **Sensor Interconnects:** Connecting proximity or photoelectric sensors to a junction box. * **Bus Systems:** Providing physical layer connections for DeviceNet or CANopen networks. * **Factory Automation:** Used in assembly lines where high vibration resistance is required.
    ✨ Follow-up Questions
    • ⤷What is the difference between PUR and PVC jacketing for this part?
    • ⤷ How does the IP67 rating affect its installation in wet environments?
    • ⤷ Is this part compatible with IO-Link communication?