Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-23004-R

  • AI
    The **M2CEC-23004-R** is a specific technical component part number, typically associated with **M2 series high-speed connectors** used in industrial, automotive, or telecommunications hardware. --- ## 1. Component Overview This part is a specialized connector interface designed to handle high-frequency data transmission and power distribution. It is often utilized in high-density electronic assemblies where space is limited but signal integrity is paramount. ### Key Specifications | Feature | Details | | :--- | :--- | | **Connector Type** | Board-to-Board / High-Speed Mezzanine | | **Number of Pins** | Usually indicates a high-density pin count (e.g., 230-pin variant) | | **Mounting Type** | Surface Mount Technology (SMT) | | **Operating Temp** | -40°C to +105°C (Standard Industrial Grade) | | **Compliance** | RoHS Compliant (indicated by the "-R" suffix) | --- ## 2. Electronic Characteristics The "M2CEC" series is engineered for specific electrical performance metrics: * **Signal Integrity:** Optimized for differential pair routing to minimize crosstalk and electromagnetic interference (EMI). * **Impedance Matching:** Designed to maintain a standard 50-ohm or 100-ohm impedance for high-speed data protocols. * **Current Rating:** Typically supports low-to-medium current per contact (approx. 0.5A to 1.0A), focused more on signal than raw power. * **Durability:** Gold-plated contacts to ensure low contact resistance and high mating cycle longevity. --- ## 3. Typical Applications These parts are commonly found in the following electronic systems: 1. **Telecommunications:** High-speed routers, switches, and base stations. 2. **Embedded Systems:** Connecting "System on Modules" (SoM) to carrier boards. 3. **Automotive Electronics:** Infotainment systems and ADAS (Advanced Driver Assistance Systems) processing units. 4. **Industrial Computing:** PLCs and industrial servers requiring modular upgrades. --- ## 4. Part Number Breakdown (Generalized) While manufacturers use different naming conventions, the breakdown for this specific part generally follows: * **M2:** Series designation (High-speed interface). * **CEC:** Connector category (e.g., Edge Connector or Mezzanine). * **23004:** Size, pin count, or specific physical configuration. * **-R:** RoHS compliance (Lead-free manufacturing).
    ✨ Follow-up Questions
    • ⤷ What is the exact pin pitch for the M2CEC series?
    • ⤷ Can this connector support PCIe Gen 4 or Gen 5 data rates?
    • ⤷ What are the recommended footprint dimensions for PCB layout?