Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-2300B-R2

  • AI
    The **M2CEC-2300B-R2** is a specialized industrial motherboard (often categorized under Micro-ATX or embedded form factors) typically utilized in high-reliability computing environments, such as industrial automation, kiosks, and digital signage. Below is a detailed breakdown of its electronic parts and architecture. --- ## 1. Core Processing & Chipset This board is built to support server-grade and high-end workstation performance in an industrial footprint. | Component | Specification | | :--- | :--- | | **CPU Socket** | LGA 2011-3 (Supports Intel® Xeon® E5-2600 v3/v4 series) | | **Chipset** | Intel® C612 PCH (Platform Controller Hub) | | **TDP Support** | Optimized for high-wattage processors with robust VRM cooling | ## 2. Memory Architecture (RAM) The electronic design emphasizes data integrity and high bandwidth. * **Slots:** 4 x 288-pin DDR4 DIMM slots. * **Type:** Supports ECC (Error Correction Code) Registered and Unbuffered memory. * **Capacity:** Typically supports up to 64GB or 128GB depending on the specific BIOS version and module density. * **Speed:** 1600/1866/2133/2400 MHz. ## 3. Expansion and I/O Interface The PCB layout is designed for modularity to allow for additional RAID cards, GPUs, or high-speed networking. ### Expansion Slots * **PCIe x16:** 1 x PCIe 3.0 x16 slot for high-performance graphics or FPGA cards. * **PCIe x8:** 1 x PCIe 3.0 x8 slot. * **M.2 Slot:** 1 x M.2 (Key M) for NVMe SSD storage. ### Connectivity Ports | Interface Type | Quantity/Details | | :--- | :--- | | **Ethernet** | Dual Intel® I210-AT GbE LAN controllers (RJ45) | | **USB** | 4 x USB 3.0 (Rear), 2 x USB 2.0 (Headers) | | **Storage** | 6 x SATA III (6Gb/s) ports supporting RAID 0, 1, 5, 10 | | **Serial** | 2 x RS-232/422/485 headers for industrial equipment communication | ## 4. Power & Thermal Management Industrial boards like the R2 revision prioritize stable voltage regulation. * **Power Input:** Standard 24-pin ATX power connector + 8-pin 12V CPU connector. * **VRM Design:** Multi-phase digital voltage regulator modules to handle the high current demands of Xeon processors. * **Cooling Headers:** Multiple 4-pin PWM fan headers for synchronized chassis and CPU cooling. ## 5. Industrial Grade Features * **Watchdog Timer:** Integrated electronic timer that resets the system if software hangs. * **TPM Support:** Header for Trusted Platform Module to ensure hardware-level security. * **Solid Capacitors:** Uses long-life solid-state capacitors to resist heat-induced failure over 24/7 operation. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible power supply requirements for the M2CEC-2300B-R2?
    • ⤷ Does this motherboard support NVMe boot in its BIOS configuration?
    • ⤷ Which specific Intel Xeon E5 processors are recommended for optimal thermal performance on this board?