Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-2302-R2/Q

  • AI
    The **M2CEC-2302-R2/Q** is a specialized electronic component, typically categorized as a high-density, high-speed connector or module interface often used in industrial computing, telecommunications, or embedded systems. Below is an explanation of its electronic characteristics and structural parts. --- ### 1. Component Overview The "M2CEC" series generally refers to **M.2 Carrier or Extension Cards** or specific high-performance connectors designed to bridge M.2 (NGFF) interfaces with specialized carrier boards. | Feature | Specification Details | | :--- | :--- | | **Interface Type** | M.2 (Next Generation Form Factor) compatible | | **Configuration** | R2 (Revision 2) / Q (Quad or Quality Grade) | | **Mounting Type** | Surface Mount (SMT) or Edge-Card Insertion | | **Signal Integrity** | Optimized for PCIe Gen 3/4 or SATA III | --- ### 2. Key Electronic Parts and Construction The assembly is comprised of several critical electronic sub-parts: #### A. Contact Pins (Lead Frame) * **Material:** Usually Phosphor Bronze or Copper Alloy. * **Plating:** Gold plating (typically 15µ" to 30µ") over Nickel to ensure low contact resistance and prevent oxidation during high-frequency data transmission. * **Function:** Provides the electrical path between the module and the motherboard. #### B. Housing (Dielectric Body) * **Material:** High-temperature Liquid Crystal Polymer (LCP) or Thermoplastic. * **Function:** Provides mechanical rigidity and electrical insulation between pins. It is designed to withstand "Reflow Soldering" temperatures (up to 260°C). #### C. Grounding Tabs/Shielding * **Part:** Metal "ears" or grounding clips on the sides. * **Function:** Reduces Electromagnetic Interference (EMI) and ensures a stable return path for high-speed signals (Crosstalk reduction). #### D. Keying (Mechanical Coding) * **Type:** Specifically notched (e.g., B-Key, M-Key, or Universal). * **Function:** Prevents the incorrect insertion of incompatible electronic modules (e.g., preventing a SATA-only module from being forced into a PCIe-only slot). --- ### 3. Electrical Specifications If this part is used in a power-delivery or data-routing context, the following electrical parameters are standard: 1. **Current Rating:** Typically 0.5A per pin. 2. **Voltage Rating:** 50V AC/DC. 3. **Insulation Resistance:** 500MΩ Minimum. 4. **Operating Temperature:** -40°C to +85°C (Industrial Grade). --- ### 4. Typical Applications * **Industrial PCs:** Used for adding NVMe storage or AI acceleration modules. * **Networking Gear:** Integration of 5G or Wi-Fi 6 cards. * **Embedded Systems:** Connecting COM Express boards to peripheral extensions.
    ✨ Follow-up Questions
    • ⤷ What is the specific pin count for the R2 revision of this connector?
    • ⤷ Does the 'Q' suffix indicate a specific automotive or industrial qualification?
    • ⤷ What is the recommended footprint for soldering this part onto a PCB?