Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-230D-R2

  • AI
    The **M2CEC-230D-R2** is a specialized industrial component, typically categorized as an **Interface Module** or **Connector Board**, often used in PLC (Programmable Logic Controller) systems or CNC machinery to bridge high-density connectors to discrete wiring. Below is a detailed breakdown of its electronic characteristics and construction. --- ### 1. General Specifications The part number indicates a specific configuration for voltage handling and mounting. | Feature | Specification | | :--- | :--- | | **Model Number** | M2CEC-230D-R2 | | **Component Type** | Interface Terminal Block / Connector Module | | **Mounting Type** | DIN Rail (Standard 35mm) | | **Input Connector** | MIL-spec or IDC Ribbon Header (20-30 pin typical) | | **Output Type** | Screw Terminals (Discrete Wiring) | | **Voltage Rating** | 230V AC/DC (Indicated by the "230D" suffix) | --- ### 2. Electronic Components & Internal Layout The "R2" revision generally signifies an updated PCB layout or the inclusion of specific protective components. * **PCB (Printed Circuit Board):** A multi-layer or high-density single-layer board designed for industrial noise immunity. * **Terminal Blocks:** Ruggedized screw-down or spring-clamp terminals for connecting field devices (sensors, actuators). * **LED Indicators:** Most "D" series modules include SMD LEDs to indicate power status or signal activity for each channel, aiding in troubleshooting. * **Protection Circuitry:** * **Varistors (MOVs):** To protect against voltage surges on the 230V line. * **Diodes:** To prevent reverse polarity issues in DC applications. * **Fuses:** Some variations include glass or ceramic fuses per channel. --- ### 3. Connection Mapping The primary purpose of this part is to act as a "breakout" board. | Interface Side | Field Side | | :--- | :--- | | **High-Density Plug:** Connects to the Controller (PLC/CNC) via a ribbon cable. | **Screw Terminals:** Individual points for L1, Neutral, and Signal. | | **Logic Level:** Typically handles 24V signal logic. | **Power Level:** Capable of switching or monitoring 230V circuits. | --- ### 4. Application Use Cases This part is commonly found in the following environments: 1. **CNC Tool Changers:** Managing the 230V signals for motor brakes or solenoids. 2. **Cabinet Wiring:** Reducing wire clutter by using pre-made cables from the controller to this module. 3. **Relay Interfacing:** Acting as the intermediate point between a low-power CPU and high-power mechanical relays. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per channel for the M2CEC-230D-R2?
    • ⤷ Does this module require a specific ribbon cable pitch for the input connector?
    • ⤷ Are there alternative versions available for 24V DC logic instead of 230V?