Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-240E-R

  • AI
    The **M2CEC-240E-R** is a specific technical component typically associated with industrial automation and control systems, specifically within the **M-System (now MG CO., LTD.)** M2 Series. It is an **Isolator (Signal Conditioner)** designed to convert and isolate DC input signals. Below is a breakdown of its electronic specifications and functions. --- ### 1. Component Overview The "M2" series is a line of plug-in signal conditioners known for their high reliability and compact form factor. The specific suffix **240E-R** defines its input/output characteristics and power requirements. | Feature | Specification | | :--- | :--- | | **Component Type** | DC Signal Isolator / Conditioner | | **Construction** | Plug-in structure (Socket-mounted) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Input Signal** | 4 – 20 mA DC | | **Output Signal** | 4 – 20 mA DC | | **Power Supply** | 24V DC (indicated by the "-R" suffix) | --- ### 2. Key Electronic Parameters The internal circuitry is designed to protect sensitive control systems (like a PLC or DCS) from electrical noise, ground loops, and surges. * **Isolation Strength:** Usually rated at 2000V AC for 1 minute (Input to Output to Power to Ground). * **Response Time:** Approximately 0.5 seconds (0 to 90%). * **Accuracy:** $\pm 0.1\%$ of span. * **Temperature Coefficient:** $\pm 0.015\% / ^\circ\text{C}$ of max. span. * **Load Resistance:** The output can typically drive up to $550 \Omega$. --- ### 3. Wiring and Terminal Logic The unit typically uses a **M3.5 screw terminal** base. While you should always consult the specific wiring diagram on the side of the module, the standard pinout for this series is: | Terminal | Function | Description | | :--- | :--- | :--- | | **1** | Output (+) | Positive DC Signal out | | **2** | Output (-) | Negative DC Signal out | | **4** | Input (+) | Positive DC Signal in | | **5** | Input (-) | Negative DC Signal in | | **7** | Power (+) | +24V DC Supply | | **8** | Power (-) | 0V DC (Common) | --- ### 4. Core Functions 1. **Ground Loop Elimination:** By providing galvanic isolation, it prevents circulating currents caused by differences in ground potential between the field instrument and the control room. 2. **Signal Conversion:** It acts as a buffer to ensure that the 4-20mA loop remains stable even if the load impedance changes. 3. **Equipment Protection:** It protects expensive PLC/DCS input cards from high-voltage transients originating in the field. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance the M2CEC-240E-R can handle?
    • ⤷ How do I troubleshoot a zero-point deviation in this isolator?
    • ⤷ What are the environmental operating temperature limits for the M2 series?