Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2CEC-2500F-R2/Q

  • AI
    The **M2CEC-2500F-R2/Q** is a high-performance industrial-grade embedded computing system, typically part of a modular series designed for edge AI, automation, and rugged environments. --- ## 1. Core Hardware Specifications This system is built around high-efficiency processing and versatile connectivity. Below are the primary electronic components: | Component Category | Specification Details | | :--- | :--- | | **Processor (CPU)** | Intel® Core™ i7/i5/i3 or Celeron® (depending on specific configuration) | | **Memory (RAM)** | Dual-channel DDR4 SODIMM slots, supporting up to 64GB | | **Storage Interface** | 1x M.2 M-Key (SATA/NVMe), 1x mSATA, and 2.5" SATA SSD/HDD support | | **Graphics** | Integrated Intel® UHD Graphics (supports dual independent displays) | | **Expansion Slots** | M.2 E-Key (WiFi/BT), M.2 B-Key (LTE/5G), and Mini-PCIe | --- ## 2. Key Electronic Features The "R2/Q" designation usually refers to specific revisions or feature sets regarding reliability and power management. ### Power Management * **Wide DC Input:** Typically supports a broad voltage range (e.g., 9V to 36V DC) to handle fluctuating industrial power sources. * **Ignition Control:** Features power-on/off delay settings, essential for vehicle-based electronic installations. ### Thermal & Mechanical Design * **Fanless Cooling:** The chassis acts as a large heatsink, using passive thermal dissipation to prevent dust intake and mechanical failure. * **Ruggedized Circuitry:** Built with industrial-grade capacitors and resistors to withstand high vibration and temperatures ranging from -20°C to 70°C. ### Connectivity Ports 1. **Ethernet:** Dual or Quad Intel® GbE LAN ports (often supporting PoE). 2. **Serial Communication:** Multiple RS-232/422/485 ports for PLC and sensor interfacing. 3. **Digital I/O:** Isolated DIO pins to prevent electrical surges from damaging the mainboard. --- ## 3. Block Diagram Overview (Logical Flow) ```mermaid graph LR A[Wide DC Input] --> B[Power Regulator] B --> C[CPU / Chipset] C --> D[M.2 NVMe Storage] C --> E[DDR4 RAM] C --> F[I/O: USB, LAN, COM] C --> G[AI Accelerator Option] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption requirements for the M2CEC-2500F-R2/Q?
    • ⤷ Does this model support AI acceleration modules like Hailo or Intel Movidius?
    • ⤷ Can you provide the pinout diagram for the Digital I/O interface?