Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2EXV-R

  • AI
    The **M2EXV-R** is a specific model of an **Electronic Expansion Valve (EEV)** controller or driver module, typically used in HVAC, refrigeration, and precision cooling systems. It is designed to regulate the flow of refrigerant by controlling the stepper motor within an electronic expansion valve. --- ### ## Technical Specifications & Components The M2EXV-R acts as the "brain" that translates sensor data into physical movement of the valve pin. Below are the core electronic aspects: | Feature | Description | | :--- | :--- | | **Control Signal** | Typically accepts 4-20mA, 0-10V, or Modbus RS485 communication. | | **Output Type** | Bipolar or Unipolar stepper motor drive (Phase-controlled). | | **Power Supply** | Usually 24V AC/DC (standard for industrial control panels). | | **Feedback Loop** | Interfaces with Pressure Transducers and Temperature Thermistors (NTC/PT1000). | | **Mounting** | Standard DIN Rail mounting (R-series denotes Rail mount). | --- ### ### Core Electronic Sub-systems #### 1. The Microprocessor The heart of the M2EXV-R is a microcontroller that calculates **Superheat**. It compares the suction line temperature and the suction pressure to ensure the refrigerant is completely vaporized before entering the compressor, preventing liquid slugging. #### 2. Stepper Motor Driver Circuit Unlike traditional solenoid valves (which are strictly ON/OFF), the M2EXV-R uses a **H-bridge circuit** to provide precise pulses to the valve. * **Resolution:** Often supports up to 500 or 1000 steps for ultra-fine flow control. * **Power Management:** Includes "Over-excitation" (high current to start movement) and "Hold current" (low power to maintain position). #### 3. Protection Electronics * **Battery/Capacitor Backup:** Many R-models include an internal capacitor or port for an external battery (EVD-backup) to ensure the valve closes fully during a power failure. * **Isolation:** Opto-isolators are used to protect the logic board from electrical noise generated by the motor or external power spikes. --- ### ### Wiring Configuration Example Most M2EXV-R units utilize the following terminal layout: ```yaml Terminal Block 1: Power & Comms - Pin 1-2: 24V AC/DC Power Input - Pin 3-4: RS485 Modbus (A+ / B-) Terminal Block 2: Sensors - S1: Suction Temperature (NTC) - S2: Suction Pressure (4-20mA Transducer) Terminal Block 3: Valve Drive - 4-Wires: White, Black, Red, Green (Stepper Motor Phases) ``` --- ### ### Key Advantages of this Electronic Design 1. **Energy Efficiency:** By maintaining optimal superheat, the compressor works less, reducing energy consumption by 15-25%. 2. **Stability:** The PID (Proportional-Integral-Derivative) algorithm prevents "hunting" (constant fluctuation of pressure). 3. **Versatility:** The electronic nature allows it to be programmed for different refrigerants (R410A, R134a, CO2, etc.) without changing hardware.
    ✨ Follow-up Questions
    • ⤷ What are the common error codes displayed on an M2EXV-R controller?
    • ⤷ How do you calibrate the superheat setpoint on this specific module?
    • ⤷ Is the M2EXV-R compatible with third-party valves like Danfoss or Carel?