Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2FV-R2/CE

  • AI
    The **M2FV-R2/CE** is a specialized electronic component, specifically a **Transducer for Frequency to DC Voltage/Current conversion**, manufactured by **M-System**. It is used in industrial automation to convert a pulse frequency signal from a sensor into a standardized analog signal. --- ### 1. Key Technical Specifications The model code "M2FV-R2/CE" breaks down into specific electronic characteristics: | Feature | Specification | | :--- | :--- | | **Input Type** | Pulse (Open collector, Voltage pulse, or Contact) | | **Output Type** | DC Current or Voltage (Standardized) | | **Power Input (R)** | 24V DC | | **Configuration (2)** | Two-wire/Compact plug-in base | | **Standard (CE)** | CE Marking (European Conformity) | | **Accuracy** | ±0.1% of span | | **Response Time** | Max. 0.5 sec (0 – 90%) | --- ### 2. Core Electronic Components & Architecture The device functions through several internal electronic stages: 1. **Input Pulse Shaper:** Filters and conditions the incoming frequency signal to remove "bounce" or noise, ensuring a clean wave for processing. 2. **Frequency-to-Voltage (F/V) Converter:** The core logic circuit that integrates the pulse rate into a proportional voltage level. 3. **Isolation Barrier:** Provides galvanic isolation between the input, output, and power supply. This protects sensitive PLC/DCS controllers from high-voltage surges in the field. 4. **Zero/Span Adjustment:** Potentiometers located on the front panel allow for manual calibration of the analog output range. --- ### 3. Application Use Cases This part is commonly used in electronic control panels for: * **Flow Measurement:** Converting pulses from a flow meter into a 4-20mA signal. * **Speed Monitoring:** Converting RPM signals from a proximity switch into a control signal for a Variable Frequency Drive (VFD). * **Totalizing:** Preparing pulse data for PLC analog input modules. --- ### 4. Wiring Diagram Representation Below is a simplified representation of the typical electrical connection: ```text [ FIELD SENSOR ] ------> [ TERMINAL 1&2: INPUT ] | [ M2FV-R2 ] --- [ TERMINAL 4&5: 24V DC POWER ] | [ PLC ANALOG IN ] <----- [ TERMINAL 3&6: OUTPUT ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific input frequency ranges supported by the M2FV series?
    • ⤷ How do I calibrate the zero and span settings on this specific model?
    • ⤷ What is the difference between the R2 and the M2 power supply options?