Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2MS-1-R

  • AI
    The **M2MS-1-R** is an electronic component manufactured by **Mini-Circuits**. It is a surface-mount, high-performance **double-balanced mixer** designed for frequency conversion in RF (Radio Frequency) and microwave communication systems. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the M2MS-1-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Double-Balanced Mixer | | **RF Frequency Range** | 1000 to 1800 MHz | | **LO Frequency Range** | 1000 to 1800 MHz | | **IF Frequency Range** | DC to 500 MHz | | **LO Power (Nominal)** | +7 dBm | | **Conversion Loss** | 6.0 dB (typical) | | **Isolation (L-R)** | 25 dB (typical) | | **Package Type** | Micro-Miniature (Surface Mount) | --- ### 2. Functional Description The M2MS-1-R performs frequency translation by combining two input signals to produce a third output signal. * **RF Port:** Receives the high-frequency input signal. * **LO (Local Oscillator) Port:** Receives a reference signal used for the mixing process. * **IF (Intermediate Frequency) Port:** Outputs the "sum" or "difference" frequencies ($f_{RF} \pm f_{LO}$). * **Double-Balanced Design:** Unlike single-balanced mixers, this design utilizes a diode ring architecture that provides superior isolation between all ports, meaning the LO signal does not leak heavily into the RF or IF outputs. --- ### 3. Physical & Environmental Features * **Small Footprint:** Designed for high-density PCB layouts where space is a premium. * **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and meets environmental standards. * **Aqueous Washable:** The component is sealed to allow for standard industrial board cleaning processes. * **Operating Temperature:** Typically rated for operation between $-40^\circ\text{C}$ to $+85^\circ\text{C}$. --- ### 4. Common Applications The M2MS-1-R is commonly found in the following systems: 1. **Cellular Infrastructure:** Down-converting signals from antennas to processing units. 2. **GPS Receivers:** Converting L-band signals to manageable intermediate frequencies. 3. **ISM Band Devices:** Used in industrial, scientific, and medical radio applications. 4. **Test & Measurement:** Part of frequency synthesizers and signal generators.
    ✨ Follow-up Questions
    • ⤷ What is the difference between conversion loss and isolation in this mixer?
    • ⤷ Can the M2MS-1-R be used as an up-converter instead of a down-converter?
    • ⤷ What are the PCB soldering requirements for this surface-mount package?